Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CX-R11-N Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 15Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 16Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 17Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 18Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 19Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 20Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 21Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 22Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
H7CX-A
@-N
19
Counter
Absolute Value Setting/Forecast Value Setting (
setm)
For the 2 count output mode, an absolute value setting (
abs) or
forecast value setting (
ofst) can be set for set value 1.
When a forecast value is set, specify the forecast value set value (i.e.,
the deviation for the set value).
The forecast output (output 1) turns ON when the present value
reaches the forecast value.
If the forecast set value is greater than or equal to the set value, the
forecast output (output 1) will turn ON as soon as counting starts.
If the forecast value setting is used, specify the set value 2 minus the
forecast value setting for set value 1.
Set Value Upper Limit (
sl-h)
Set the upper limit for the set value when it is set in run mode.
The setting can be made from 1 to 9999 for 4-digit models and from
1 to 999999 for 6-digit models.
Forecast Set Upper Limit (
pl-h)
Set the upper limit for the forecast set value.
The setting can be made from 1 to 9999 for 4-digit models and from
1 to 999999 for 6-digit models.
Batch Count Upper Limit (
bl-h)
Set the upper limit for the batch count value. The setting can be made
from 1 to 9999 for 4-digit models and from 1 to 999999 for 6-digit
models.
Output Allocation (
otst)
When using an H7CX-AU
@-N model as a 2-stage counter, the output
can be flexibly allocated to either stage 1 or 2.
The transistor output can be allocated to SV1 and the contact output
to SV2 or vice verse, as in the following tables.
H7CX-AU-N/-AUD1-N
H7CX-AUSD1-N
Key Protect Level (
kypt)
Set the key protect level.
Refer to Key Protect Level on page page 36.
Output ON Count Alarm Set Value (
on-a)
Set the alarm value for the output ON count.
The limit can be set to between 0
× 1000 (0 times) and 9999 × 1000
(9,999,000 times). Only the underlined values are set. The alarm will
be disabled if 0 is set.
If the total ON count of the output exceeds the alarm set value,
e3
will be displayed on the Timer to indicate that the output ON count
alarm value was exceeded. Refer to Self-diagnostic Function on page
page 36 for information on the
e3 display.
ON Count Alarm Set Values for Outputs 1 and 2 (OUT1
and OUT2) (
on1a and on2a)
Set the ON count alarm values for the outputs 1 and 2.
The limit can be set to between 0
× 1000 (0 times) and 9999 × 1000
(9,999,000 times). Only the underlined values are set. The alarm will
be disabled if 0 is set.
If the total ON count of instantaneous output 1 or 2 exceeds the alarm
set value,
e3 will be displayed on the Timer to indicate that the output
ON count alarm value was exceeded. Refer to Self-diagnostic
Function on page page 36 for information on the
e3 display.
Output ON Count Monitor Value (
on-c)
The monitor value is only displayed. It cannot be set.
The output ON count will be 1,000 times the displayed value.
ON Count Monitor Values for Outputs 1 and 2 (OUT1 and
OUT2) (
on1c and on2c)
The monitor value for output 1 or 2 is only displayed. It cannot be set.
The output ON count will be 1,000 times the displayed value.
Output 1
Output 2
off
Transistor (12-13)
Contact (3, 4, 5)
on
Contact (3, 4, 5)
Transistor (12-13)
Output 1
Output 2
off
Transistor (12-13)
Transistor with diode (3, 4, 5)
on
Transistor with diode (3, 4, 5)
Transistor (12-13)
Set value 2
Set value 1
0
Control output 1 (OUT1)
Control output 2 (OUT2)
Count value
Example: F Mode
Set value
Forecast
value
Forecast set value
0
Forecast output (OUT1)
Control output (OUT 2)
Count value
Example: F Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com