Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402CP-R10_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0402CP-R10_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402CP-R10_ Datasheet(HTML) 1 Page - Frontier Electronics.

  0402CP-R10_ Datasheet HTML 1Page - Frontier Electronics. 0402CP-R10_ Datasheet HTML 2Page - Frontier Electronics. 0402CP-R10_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0402CP Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L (nH)
Tol.
Q Typ.
Min.
900 MHz
1.7 GHz
SRF Min.
(GHz)
DCR Max.
(
Ω)
Rated Current
Max.(mA)
L
Q
L
Q
0402CP-1N0_
1.0
K, J
16
1.02
77
1.02
69
12.70
0.045
1360
0402CP-1N2_
1.2
K, J
16
1.22
75
1.23
67
12.90
0.090
740
0402CP-1N8_
1.8
K, J
16
1.70
68
1.78
80
12.00
0.070
1040
0402CP-1N9_
1.9
K, J
16
1.72
68
1.74
82
11.30
0.070
1040
0402CP-2N0_
2.0
K, J, G
16
1.93
54
1.93
75
11.10
0.070
1040
0402CP-2N2_
2.2
K, J, G
19
2.19
59
2.23
100
10.80
0.070
960
0402CP-2N4_
2.4
K, J, G
15
2.24
51
2.27
68
10.50
0.068
790
0402CP-2N7_
2.7
K, J, G
16
2.23
42
2.25
61
10.40
0.120
640
0402CP-3N3_
3.3
K, J, G
19
3.10
65
3.12
87
7.00
0.066
840
0402CP-3N6_
3.6
K, J, G
19
3.56
45
3.62
71
6.80
0.066
840
0402CP-3N9_
3.9
K, J, G
19
3.89
50
4.00
75
6.00
0.066
840
0402CP-4N3_
4.3
K, J, G
18
4.19
47
4.30
71
6.00
0.091
700
0402CP-4N7_
4.7
K, J, G
15
4.55
48
4.68
68
4.70
0.130
640
0402CP-5N1_
5.1
K, J, G
20
5.15
56
5.25
82
4.80
0.083
800
0402CP-5N6_
5.6
K, J, G
20
5.16
54
5.28
81
4.80
0.083
760
0402CP-6N2_
6.2
K, J, G
20
6.16
52
6.37
76
4.80
0.083
760
0402CP-6N8_
6.8
K, J, G
20
6.56
63
6.93
78
4.80
0.083
680
0402CP-7N3_
7.3
K, J, G
20
7.32
60
7.41
75
4.80
0.260
680
0402CP-7N5_
7.5
K, J, G
22
7.91
60
8.22
88
4.80
0.100
680
0402CP-8N2_
8.2
K, J, G
22
8.50
57
8.85
84
4.40
0.100
680
0402CP-8N7_
8.7
K, J, G
18
8.78
54
9.21
73
4.10
0.200
480
0402CP-9N1_
9.1
K, J, G
22
9.05
50
9.16
70
4.16
0.100
680
0402CP-9N5_
9.5
K, J, G
18
9.42
54
9.98
69
4.00
0.200
480
0402CP-10N_
10
K, J, G
21
9.8
50
10.10
67
3.90
0.200
480
0402CP-11N_
11
K, J, G
24
10.7
52
11.20
78
3.68
0.120
640
0402CP-12N_
12
K, J, G
24
11.9
53
12.70
71
3.60
0.120
640
0402CP-13N_
13
K, J, G
24
13.4
51
14.60
57
3.45
0.210
440
0402CP-15N_
15
K, J, G
24
14.6
55
15.50
77
3.28
0.170
560
0402CP-16N_
16
K, J, G
24
16.6
46
18.80
47
3.10
0.220
560
0402CP-18N_
18
K, J, G
25
18.3
57
20.28
62
3.10
0.230
420
0402CP-19N_
19
K, J, G
24
19.1
50
21.10
67
3.04
0.200
480
0402CP-20N_
20
K, J, G
25
20.7
52
23.66
53
3.00
0.250
420
0402CP-22N_
22
K, J, G
25
23.2
53
26.75
53
2.80
0.300
400
0402CP-23N_
23
K, J, G
22
23.8
49
26.90
64
2.72
0.300
400
0402CP-24N_
24
K, J, G
25
25.1
51
29.50
50
2.70
0.300
400
0402CP-27N_
27
K, J, G
24
28.7
49
33.50
63
2.48
0.300
400
0402CP-30N_
30
K, J, G
25
31.1
46
38.50
39
2.35
0.300
400
0402CP-33N_
33
K, J, G
24
34.9
31
41.70
32
2.35
0.300
400
0402CP-36N_
36
K, J, G
24
39.5
44
48.40
53
2.32
0.440
320
0402CP-39N_
39
K, J, G
25
41.7
47
50.23
45
2.10
0.550
200
0402CP-40N_
40
K, J, G
24
39.0
44
47.40
33
2.24
0.440
320
0402CP-43N_
43
K, J, G
25
45.8
46
61.55
34
2.03
0.810
100
0402CP-47N_
47
K, J, G
20
50.0
38
55.8
37
2.10
0.830
150
0402CP-51N_
51
K, J, G
25
50.4
40
59.4
37
1.75
0.820
100
0402CP-56N_
56
K, J, G
22
57.4
42
72.4
40
1.76
0.970
100
0402CP-68N_
68
K, J, G
22
69.6
36
83.4
38
1.62
1.120
100
0402CP-82N_
82
K, J, G
20
--
--
--
--
1.26
1.550
50
0402CP-R10_
100
K, J, G
20
--
--
--
--
1.16
2.000
30
0402CP-R12_
120
K, J, G
--
--
--
--
--
1.10
2.200
30
Note: 1. Inductance & Q-value measured at 250 MHz.
2. 0402CP-series does not have color dot.
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0402CP-R10_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402CP FRONTIER-0402CP Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP10N FRONTIER-0402CP10N Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP11N FRONTIER-0402CP11N Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP12N FRONTIER-0402CP12N Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP13N FRONTIER-0402CP13N Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results

Similar Description - 0402CP-R10_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com