Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC2D099B7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC2D099B7
Description  LC2D099B7
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC2D099B7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC2D099B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Environment
IP degree of protection
IP2x front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
23...140 °F (-5...60 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Permissible ambient air temperature around the
device
-40...158 °F (-40...70 °C) at Uc
Operating altitude
9842.52 ft (3000 m) without derating in temperature
Fire resistance
1562 °F (850 °C) conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Shocks contactor closed 15 Gn for 11 ms
Shocks contactor open 10 Gn for 11 ms
Vibrations contactor closed 4 Gn, 5...300 Hz
Vibrations contactor open 2 Gn, 5...300 Hz
Height
3.03 in (77 mm)
Width
3.54 in (90 mm)
Depth
3.39 in (86 mm)
Product weight
1.51 lb(US) (0.687 kg)
Ordering and shipping details
Category
22346 - CTR,D-LINE,OPEN,REVERSING-NEW
Discount Schedule
I12
GTIN
00785901635833
Nbr. of units in pkg.
1
Package weight(Lbs)
1.69
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0641 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Need no specific recycling operations
Contractual warranty
Period
18 months



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com