Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIA135 Datasheet(PDF) 9 Page - IXYS Corporation

Part # LIA135
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA135 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button LIA135 Datasheet HTML 5Page - IXYS Corporation LIA135 Datasheet HTML 6Page - IXYS Corporation LIA135 Datasheet HTML 7Page - IXYS Corporation LIA135 Datasheet HTML 8Page - IXYS Corporation LIA135 Datasheet HTML 9Page - IXYS Corporation LIA135 Datasheet HTML 10Page - IXYS Corporation LIA135 Datasheet HTML 11Page - IXYS Corporation LIA135 Datasheet HTML 12Page - IXYS Corporation LIA135 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA13
R01
www.ixysic.com
9
2.1 Input Side Biasing
Power for the LIA135 / LIA136 error amplifier, voltage
reference, and optocoupler LED is applied to the LED
pin through a current limiting resistor. Typically, this
resistor’s voltage source is VOUT, the regulated power
supply output. For very low voltage designs where
VOUT lacks sufficient headroom to bias the input
circuitry, the resistor may be sourced from an auxiliary
secondary winding on the transformer. When using
the LIA135 / LIA136 this is an unlikely situation as
these devices were designed specifically to be used
for low voltage power supply applications. For all
implementations, the minimum bias voltage at the
LED pin is 1.6V.
There must be a current-limiting resistor (RLED) in
series with the LED pin to keep the current flow into
the device and through the LED within their respective
operating ranges for all expected supply output levels.
Although the value of RLED is determined in
conjunction with the value of the phototransistor’s
pull-up resistor RC, it’s minimum value is limited by the
maximum allowed input current. See Section 3.
Design Examples on page 10.
2.2 Supply Regulation
When connected as shown in the application circuit
above and properly configured, the LIA135 / LIA136
will regulate VOUT such that VFB is equal to VREF
(1.299V). To achieve this, the values of the voltage
divider resistors, R1 and R2, must be set in the
following manner:
Because VOUT regulation occurs when VFB =VREF any
change in bias current through R2 at the desired
regulated voltage level will cause a regulation error. As
shown in the Electrical Characteristics table the error
amplifier input at pin FB has an input bias current (IIB)
specification that reduces the current into R2. (IIB is
always into pin FB). This error causes the regulated
output voltage to increase which increases the current
through R1 by an amount equal to IIB, thereby
restoring the current through R2 to it’s original value.
Reducing the VOUT error created by the input bias
current to less than 1% is accomplished by setting the
value of R1 using the following formula:
Where 50
A is 100 x I
IB(max). This error can be
reduced to less than 0.05% by setting the current to
1mA. i.e. 2000 x IIB(max)
2.3 Compensation
Frequency response of the converter can be optimized
for the specific application by placing a compensation
network between the COMP and FB pins of the
LIA135 / LIA136. In a typical system with a
low-bandwidth requirement, only a 0.1µF capacitor
should be needed. For designs with more critical
bandwidth requirements, measurements of the loop
response must be made and compensation adjusted
as necessary.
2.4 Optocoupler Output Transistor
The output phototransistor of the LIA135 / LIA136
provides the isolated and amplified feedback signal
that represents the output of the converter. Typically,
the collector of the phototransistor will be pulled up by
a reference voltage provided by the power supply
control chip and the emitter will be grounded.
The base of the LIA135 output transistor is not
externally accessible. For the LIA136 however, the
base is brought out at pin 2 enabling the user to
extend the capabilities of the device beyond those of
the LIA135. Placing a resistor from the base to the
emitter extends the operational temperature range by
shunting base current around the base-emitter
junction thereby reducing dark current at elevated
temperatures. Immunity to large common mode
transients (CMTI) is enhanced by placing a capacitor
parallel to the base-emitter resistor. This shunts
transient currents around the base-emitter junction
rather than having them amplified by the transistor.
When using the LIA136 the base-emitter resistor must
be populated, otherwise the open base lead will pick
up atmospheric electromagnetic signals converting
them into noise components.
2.5 N/C Pins
The N/C (No Connect) pins have no internal
connection.
R1
R2
-------
V
OUT
V
REF
-------------


1
–
=
R1
V
OUT
50
A
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com