Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIA135S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LIA135S
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA135S Datasheet(HTML) 4 Page - IXYS Corporation

  LIA135S Datasheet HTML 1Page - IXYS Corporation LIA135S Datasheet HTML 2Page - IXYS Corporation LIA135S Datasheet HTML 3Page - IXYS Corporation LIA135S Datasheet HTML 4Page - IXYS Corporation LIA135S Datasheet HTML 5Page - IXYS Corporation LIA135S Datasheet HTML 6Page - IXYS Corporation LIA135S Datasheet HTML 7Page - IXYS Corporation LIA135S Datasheet HTML 8Page - IXYS Corporation LIA135S Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA136
4
www.ixysic.com
R01
1.4 Electrical Characteristics
1 Reference voltage measured at Pin FB under the specified conditions.
2 Deviation parameters VREF(DEV) and IIB(DEV) are defined as the difference between the minimum and maximum values obtained over the rated temperature range.
3 With two external resistors, the total shunt transconductance of the circuit is defined as:
4 See Figure 9: Operational Template on page 6.
5 Common mode transient immunity at Output = High is the maximum positive dVcm/dt on the rising edge of the common mode impulse signal, Vcm, to ensure the
output will remain high. Common mode transient immunity at Output = Low is the maximum negative dVcm/dt on the falling edge of the common pulse signal, Vcm,
to ensure the output will remain low.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Characteristics @ 25°C (Unless Otherwise Specified)
Input voltage
VLED
LIA135:
TA=-40°C to +85°C
1.6
-
10
V
LIA136:
TA=-40°C to +110°C
LED forward voltage
VF
VFB=VCOMP=GND, ILED=5mA (Fig. 1)
0.9
-
1.4
V
Reference voltage 1
VREF
VLED=1.6V, ILED=10mA (Fig. 2)
V
TA=25°C
1.293
1.299
1.305
LIA135:
TA=-40°C to +85°C
1.286
1.299
1.312
LIA136:
TA=-40°C to +110°C
1.280
1.299
1.318
Deviation of VREF over temperature
2
VREF(DEV)
VLED=1.6V, ILED=10mA, (Fig. 2)
mV
LIA135:
TA=-40°C to +85°C
-3
12
LIA136:
TA=-40°C to +110°C
-6
21
Ratio of VREF variation to VLED change
V
REF/VLED
1.6V
< VLED < 10V, ILED=10mA (Fig. 2)
-
-0.37
-2.7
mV/V
FB input bias current
IIB
VLED=1.6V, ILED=10mA (Fig. 2)
0.1
0.34
0.5
A
Deviation of IIB over temperature
2
IIB(DEV)
VLED=1.6V, ILED=10mA, (Fig. 2)
A
LIA135:
TA=-40°C to +85°C
-
0.35
0.55
LIA136:
TA=-40°C to +110°C
-0.4
0.6
Quiescent bias current
IQ
VLED=1.6V, VFB < VREF, IF=0mA (Fig. 5)
-
75
100
A
Error amplifier Off-State current
ILED(off)
VLED=10V, VFB=0V (Fig. 3)
0.001
0.1
A
Shunt transconductance 3
gm (ILED/VFB)VLED=1.6V, ILED = 0.2mA to 10mA @ f=1kHz (Fig. 2)
-1
-
S
Output Characteristics @ 25°C (Unless Otherwise Specified)
Collector dark current
ICE
VCE=10V, RB=1M (Fig. 4)
-
0.3
50
nA
Collector-emitter breakdown voltage
BVCEO
IC=1mA
20
-
-
V
Emitter-collector breakdown voltage
BVECO
IE=100A
7-
-
V
Transfer Characteristics @ 25°C (Unless Otherwise Specified)
Current transfer ratio
CTR
ILED=5mA, VCE=5V, RB=1M (Fig. 5)
500
-
2000
%
Bandwidth
BW
(Fig. 7)
-
10
-
kHz
Collector-emitter saturation voltage
VCE(sat)
ILED=10mA, IC=2.5mA, RB=1M (Fig. 5)
0.099
0.5
V
Minimal Operating Point Output Current 4
IC(min)
VLED=10V (Fig. 6)
LIA135: VFB=1.258V, TA= -40°C to +85°C
-1
10
A
LIA136: VFB=1.252V, RB=1M, TA= -40°C to +110°C
-1
10
Full-on Operating Point Output Current 4
IC(on)
VLED=1.6V, (Fig. 6)
LIA135: VFB=1.307V, TA= -40°C to +85°C
10
-
-
mA
LIA136: VFB=1.313V, RB=1M, TA= -40°C to +110°C
10
-
-
Common Mode Transient Immunity Characteristics @ 25°C (Unless Otherwise Specified)
Output = High 5
|CMH|ILED=0mA, VCM=10VPP, RC=2.2k (Fig. 8)
LIA135:
-
5
-
V/ns
LIA136:
RB=1M,CB=100pF
-20-
Output = Low 5
|CML|ILED=10mA, VCM=10VPP, RC=2.2k (Fig. 8)
LIA135:
-
5
-
V/ns
LIA136:
RB=1M,CB=100pF
-20-
g
m
g
m
R2
R1
R2
+
----------------------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com