Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIA136S Datasheet(PDF) 6 Page - IXYS Corporation

Part # LIA136S
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA136S Datasheet(HTML) 6 Page - IXYS Corporation

Back Button LIA136S Datasheet HTML 2Page - IXYS Corporation LIA136S Datasheet HTML 3Page - IXYS Corporation LIA136S Datasheet HTML 4Page - IXYS Corporation LIA136S Datasheet HTML 5Page - IXYS Corporation LIA136S Datasheet HTML 6Page - IXYS Corporation LIA136S Datasheet HTML 7Page - IXYS Corporation LIA136S Datasheet HTML 8Page - IXYS Corporation LIA136S Datasheet HTML 9Page - IXYS Corporation LIA136S Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA136
6
www.ixysic.com
R01
Figure 7: Frequency Response Test Circuit
Figure 8: CMH and CML Test Circuit
Figure 9: Operational Template
+
_
+
_
V
CC = +5VDC
R
C
R
B
C
B
V
IN
I
F =10mA
47
Ω
1
μF
0.1V
PP
LIA136
only
COMP
LED
FB
GND
C
E
B
V
CE
+
_
+
_
V
CC = +5VDC
R
C
2.2k
Ω
R
B
C
B
I
LED =0mA (A)
I
LED =10mA (B)
+
B
A
10V
PP
V
CM
-
+
LIA136
only
COMP
LED
FB
GND
C
E
B
100mA
10mA
1mA
100µA
10µA
1µA
0
Pin FB Voltage (V
FB)
LIA135
1.258V
1.307V
LIA136
1.252V
1.313V
Operational
Region
Full-on
Operating
Point
Minimal
Operating
Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com