Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIA136STR Datasheet(PDF) 8 Page - IXYS Corporation

Part # LIA136STR
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA136STR Datasheet(HTML) 8 Page - IXYS Corporation

Back Button LIA136STR Datasheet HTML 4Page - IXYS Corporation LIA136STR Datasheet HTML 5Page - IXYS Corporation LIA136STR Datasheet HTML 6Page - IXYS Corporation LIA136STR Datasheet HTML 7Page - IXYS Corporation LIA136STR Datasheet HTML 8Page - IXYS Corporation LIA136STR Datasheet HTML 9Page - IXYS Corporation LIA136STR Datasheet HTML 10Page - IXYS Corporation LIA136STR Datasheet HTML 11Page - IXYS Corporation LIA136STR Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA136
8
www.ixysic.com
R01
2. Functional Description
The LIA135 and LIA136 are optically isolated error
amplifiers. Each comprises the three primary
components necessary to implement feedback for an
isolated power supply in a single package. These
components are: an error amplifier; a voltage
reference; and an optocoupler. The LIA135 and
LIA136 are the functional equivalent of a 431 type
precision shunt regulator and an optocoupler in the
same package.
Understanding how the LIA135 and LIA136 function
and are used is best understood by referencing the
simplified application circuit shown in
Figure 10: Typical Isolated Power Supply Using an
Optical Feedback Error Amplifier. The function of
the LIA135 / LIA136 is to sample the power supply
output to be regulated, generate an error signal, and
transmit the error signal across the isolation barrier to
the power supply’s control circuitry. Power for the input
side circuits, consisting of an LED; a shunt regulator;
and an error amplifier, is provided by the power
supply’s rectified secondary output (VOUT) via the
series current limiting resistor (RLED) as shown in the
application circuit.
Regulation of VOUT is made possible by applying a
scaled sample of its voltage to pin FB, the error
amplifier’s non-inverting input. The error amplifier
compares this scaled voltage (VFB) against an internal
high accuracy reference voltage and generates an
output which in turn sets the LED drive current.
As VOUT increases, the error amplifier’s input voltage
VFB will also increase. Ramping of VFB beyond the
internal reference voltage causes the error amplifier to
generate the LED drive current (IF) necessary to
cause the optocoupler’s NPN output transistor to
conduct. Increasing the LED drive current results in an
increase of the output transistor’s collector current (IC)
which in turn decreases the voltage seen at the
collector (VC). This voltage is also commonly referred
to as the Error Voltage (VE).
Likewise, a reduction of VOUT results in a lessening of
IF causing VC to increase.
The power supply’s control circuitry uses the error
voltage presented by the optocoupler’s output
transistor to interpret the power needs of the
secondary side load and to maintain regulation.
Figure 10: Typical Isolated Power Supply Using an Optical Feedback Error Amplifier
LIA135 / LIA136
+
_
+
_
LIA136
only
+
V
OUT
V
IN
PWM
Control
R1
R2
+
COMP
LED
FB
GND
C
E
B
V
CC
R
C
R
LED
I
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com