Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSE45 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSE45
Description  torque control.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSE45 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSE45 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
26 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 27
PSE – The efficient range
Description
The PSE softstarter range is the world’s first compact softstarter
range with torque control. This makes the PSE range an ideal
choice for pumping applications where water hammering
normally is a big problem. The compactness and advanced
functionality of the PSE means that it is also a very efficient
solution for other applications such as compressors and fans.
Torque control
The most important function when stopping pumps is torque
control. Since the PSE softstarter is optimized for controlling
pumps, this feature is a must.
Built-in by-pass for energy saving
Using by-pass after reaching full voltage will greatly reduce
the power loss and thereby save energy. In the PSE softstarter
range, the by-pass is built-in on all sizes which will give the
most compact starting solution and reduce the need for wiring
during installation.
Coated circuit boards
All circuit boards in the new PSE softstarter have a protective
coating to ensure a reliable operation even in tough
environments like wastewater plants, where corrosive gases
and acids may exist.
Motor protection
The PSE softstarter is equipped with built-in electronic overload
protection, preventing the motor from overheating. Since no
additional overload device is needed, our efficient design saves
both space, installation time, and ultimately money.
Analog output
The analog output terminals can be connected to an analog
current meter to show the current during operation. This
eliminates the need of an additional current transformer. The
analog output signal can also be used as an analog input to
a PLC.
Display and keypad
The setup of the PSE softstarter is done using the four button
keypad and the illuminated display, providing a quick and easy
setup. While operating, the display will also provide important
status information such as current and voltage.
External keypad
As an option the PSE softstarter can be equipped with an
external keypad for easy setup and monitoring of the unit
without opening the enclosure door. The keypad can also be
used to copy parameters between different softstarters.
PSE – The efficient range
Description
Product description
• Wide rated operational voltage 208–600 V AC
• Wide rated control supply voltage 100–250 V, 50/60 Hz
• Rated operational current 18 to 370 A
• Wide ambient temperature range, -25 to +60 ºC
• Coated circuit boards for reliable operation in harsh environment
• Built-in by-pass on all sizes, saving energy and reducing
installation time
• User friendly HMI with illuminated language neutral display and
four button keypad
• Optional external keypad, IP66
• Torque control for excellent control of pumps
• Current limit, adjustable between 1.5–7 x I
e
• Motor overload protection with classes 10A, 10, 20 and 30
• Motor underload protection to detect pumps running dry
• Locked rotor protection, detecting jammed pumps
• Kick start to start jammed pumps or conveyor belts
• Analog output showing operational current, 4–20 mA
• Optional fieldbus communication using Profibus, Modbus,
Devicenet or CANopen
• Sophisticated algorithm eliminating the DC-component and
thereby providing excellent starting performance
The PSE softstarter can be selected
according to the rated motor power
in normal duty applications like
pumps,
compressors,
elevators,
escalators, short conveyor belts and
bow thrusters. See page 30.
For heavy-duty applications like
centrifugal fans, crushers, mixers,
mills, stirrers and long conveyor
belts, select a softstarter from page
31.
3 output signal relays
(RUN, TOR, Event)
Screw mounting
Input for reset of faults
Analog output
Built-in by-pass
All data available
on the front
External keypad with same
design as the fixed HMI
Settings
Green ready LED
Flashing - Suppy available
Steady - Main available
Green run LED
Flashing - Ramping up/down
Steady - TOR
Yellow protection LED
Red fault LED
Back-lit display
User friendly keypad
Similar as for PST(B)
Four digits showing
values and messages
Icon’s showing functions.
Language neutral


Similar Part No. - PSE45

ManufacturerPart #DatasheetDescription
logo
Powersolve Electronics ...
PSE45 POWERSOLVE-PSE45 Datasheet
432Kb / 2P
PSE45 Series 24 - 50 Watts Switch Mode Universal AC Input
PSE45-05 POWERSOLVE-PSE45-05 Datasheet
432Kb / 2P
PSE45 Series 24 - 50 Watts Switch Mode Universal AC Input
PSE45-09 POWERSOLVE-PSE45-09 Datasheet
432Kb / 2P
PSE45 Series 24 - 50 Watts Switch Mode Universal AC Input
PSE45-1010 POWERSOLVE-PSE45-1010 Datasheet
432Kb / 2P
PSE45 Series 24 - 50 Watts Switch Mode Universal AC Input
PSE45-12 POWERSOLVE-PSE45-12 Datasheet
432Kb / 2P
PSE45 Series 24 - 50 Watts Switch Mode Universal AC Input
More results

Similar Description - PSE45

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
Digital Torque Wrench
logo
Rosenberger Hochfrequen...
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
TORQUE WRENCH
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
Torque Wrench
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
TORQUE WRENCH
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
Torque Control (FOC), Velocity Control, Position Control
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
Torque Wrench
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com