Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL331IDBVR
Description  Single Differential Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  TL331IDBVR Datasheet HTML 1Page - Texas Instruments TL331IDBVR Datasheet HTML 2Page - Texas Instruments TL331IDBVR Datasheet HTML 3Page - Texas Instruments TL331IDBVR Datasheet HTML 4Page - Texas Instruments TL331IDBVR Datasheet HTML 5Page - Texas Instruments TL331IDBVR Datasheet HTML 6Page - Texas Instruments TL331IDBVR Datasheet HTML 7Page - Texas Instruments TL331IDBVR Datasheet HTML 8Page - Texas Instruments TL331IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TL331
SLVS238G – AUGUST 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 7
1
Features .................................................................. 1
8.3
Feature Description................................................... 7
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 7
3
Description ............................................................. 1
9
Application and Implementation .......................... 8
4
Simplified Schematic............................................. 1
9.1
Application Information.............................................. 8
5
Revision History..................................................... 2
9.2
Typical Application ................................................... 8
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 10
7
Specifications......................................................... 4
11
Layout................................................................... 10
7.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................. 10
7.2
ESD Ratings.............................................................. 4
11.2
Layout Example .................................................... 10
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 11
7.4
Thermal Information .................................................. 4
12.1
Trademarks ........................................................... 11
7.5
Electrical Characteristics........................................... 5
12.2
Electrostatic Discharge Caution ............................ 11
7.6
Switching Characteristics .......................................... 5
12.3
Glossary ................................................................ 11
7.7
Typical Characteristics .............................................. 6
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 7
Information ........................................................... 11
8.1
Overview ................................................................... 7
5 Revision History
Changes from Revision F (July 2008) to Revision G
Page
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Deleted 25°C Specifications in Electrical Characteristics table.............................................................................................. 5
Changed test condition VID for parameter IOL from 1 V to –1 V in Electrical Characteristics table. ....................................... 5
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: TL331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com