| Electronic Components Datasheet Search |
|
LM293P Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM293P Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 25 page ![]() LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V www.ti.com SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 6.7 Electrical Characteristics for LM2903 and LM2903A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM2903 LM2903A PARAMETER TEST CONDITIONS TA (1) UNIT MIN TYP MAX MIN TYP MAX VCC = 5 V to MAX (2) , 25°C 2 7 1 2 VIO Input offset voltage VO = 1.4 V, mV Full range 15 4 VIC = VICR(min), 25°C 5 50 5 50 IIO Input offset current VO = 1.4 V nA Full range 200 200 25°C –25 –250 –25 –250 IIB Input bias current VO = 1.4 V nA Full range –500 –500 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input- VICR V voltage range(3) 0 to 0 to Full range VCC – 2 VCC – 2 Large-signal differential- VCC = 15 V, VO = 1.4 V to 11.4 V, AVD 25°C 25 100 25 100 V/mV voltage amplification RL ≥ 15 kΩ to VCC VOH = 5 V, VID = 1 V 25°C 0.1 50 0.1 50 nA IOH High-level output current VOH = VCC MAX (2), VID = 1 V Full range 1 1 μA 25°C 150 400 150 400 VOL Low-level output voltage IOL = 4 mA, VID = –1 V, mV Full range 700 700 IOL Low-level output current VOL = 1.5 V, VID = –1 V 25°C 6 6 mA VCC = 5 V 25°C 0.8 1 0.8 1 ICC Supply current RL = ∞ mA VCC = MAX Full range 2.5 2.5 (1) Full range (minimum or maximum) for LM2903 is –40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices. (3) The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 30 V (32 V for V-suffix devices) without damage. 6.8 Switching Characteristics VCC = 5 V, TA = 25°C LM2901, LM293, LM293A LM393, LM393A LM2903 PARAMETER TEST CONDITIONS UNIT TYP 100-mV input step with 5-mV overdrive 1.3 RL connected to 5 V through 5.1 kΩ, Response time μs CL = 15 pF (1) (2) TTL-level input step 0.3 (1) CL includes probe and jig capacitance. (2) The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Copyright © 1979–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |