Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2064B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ULN2064B
Description  50 V - 1.5 A quad Darlington switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2064B Datasheet(HTML) 5 Page - STMicroelectronics

  ULN2064B Datasheet HTML 1Page - STMicroelectronics ULN2064B Datasheet HTML 2Page - STMicroelectronics ULN2064B Datasheet HTML 3Page - STMicroelectronics ULN2064B Datasheet HTML 4Page - STMicroelectronics ULN2064B Datasheet HTML 5Page - STMicroelectronics ULN2064B Datasheet HTML 6Page - STMicroelectronics ULN2064B Datasheet HTML 7Page - STMicroelectronics ULN2064B Datasheet HTML 8Page - STMicroelectronics ULN2064B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ULN2064B, ULN2066B, ULN2068B, ULN2074B
Maximum ratings
5/14
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCEX
Output voltage
50
V
VCE(SUS)
Output sustaining voltage
35
V
IO
Output current
1.75
A
VI
Input voltage ULN2066B - 2074B
30
V
Input voltage ULN2064B - 2068B
15
II
Input current
25
mA
VS
Supply voltage for ULN2068B
10
V
PTOT
Power dissipation at TPINS = 90 °C
4.3
W
Power dissipation at TAMB = 70 °C
1
TAMB
Operating ambient temperature range
- 20 to 85
°C
TSTG
Storage temperature
- 55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com