Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFBR030U3LP-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFBR030U3LP-13
Description  3.0A SBR FULL BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFBR030U3LP-13 Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
2 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
Maximum Ratings
– D1, D2 (@T
A = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current (See Figure 1)
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
20
A
Maximum Ratings
– Q1, Q2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Input Voltage Between Two MOSFET Drain
VLL
30
V
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
20
V
Drain Current (Note 5)
ID
3.2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
250
°C/W
Power Dissipation (Note 6)
PD
1000
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics
– D1, D2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
—
—
V
IR = 400µA
Forward Voltage Drop
VF
—
0.25
0.278
V
IF = 0.1A, TJ = +25°C
—
0.33
0.37
IF = 1.0A, TJ = +25°C
—
0.36
0.42
IF = 2.0A, TJ = +25°C
—
0.24
0.27
IF = 0.1A, TJ = +125°C
—
0.33
0.36
IF = 1.0A, TJ = +125°C
—
0.35
0.40
IF = 2.0A, TJ = +125°C
Leakage Current (Note 7)
IR
—
50
150
µA
VR = 5V, TJ = +25°C
—
100
400
µA
VR = 30V, TJ = +25°C
—
6
15
mA
VR = 5V, TJ = +125°C
—
10
20
mA
VR = 30V, TJ = +125°C
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Part mounted on FR-4 board with 1-in sq pad layout, 2oz Cu.
7. Short duration pulse test used to minimize self-heating effect. Pulse width
≤ 300μs, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com