Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2010UDZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2010UDZ
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2010UDZ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2010UDZ Datasheet HTML 1Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 2Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 3Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 4Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 5Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 6Page - Diodes Incorporated DMN2010UDZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2010UDZ
Document number: DS37730 Rev. 3 - 2
1 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN2010UDZ
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) Max
ID
TA = +25°C
24V
7m
Ω @ VGS = 4.5V
11.0A
7.8m
Ω @ VGS = 4.0V
10.8A
8.2m
Ω @ VGS = 3.7V
10.6A
9.5m
Ω @ VGS = 3.1V
10.5A
10.5m
Ω @ VGS = 2.5V
10.0A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high-efficiency power management applications.
Applications
Power Management Functions
Battery Pack
Load Switch
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
ESD Protected Gate > 2KV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN2535-6
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.012 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2010UDZ-7
U-DFN2535-6
3,000 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
U-DFN2535-6
R11 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 15 for 2015)
WW = Week Code (01 to 53)
R11
ESD PROTECTED
Bottom View
U-DFN2535-6
D
Equivalent Circuit
D
S1
G1
Gate Protection
Diode
D
S2
G2
2
Gate Protection
Diode


Similar Part No. - DMN2010UDZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
DMN2011UFDE-13 DIODES-DMN2011UFDE-13 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN2011UFDE-13 DIODES-DMN2011UFDE-13 Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
DMN2011UFDE-7 DIODES-DMN2011UFDE-7 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN2011UFDE-7 DIODES-DMN2011UFDE-7 Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
More results

Similar Description - DMN2010UDZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com