Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC174 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC174
Description  Hex D Flip-Flop with Master Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC174 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC174 Datasheet HTML 1Page - National Semiconductor (TI) 54AC174 Datasheet HTML 2Page - National Semiconductor (TI) 54AC174 Datasheet HTML 3Page - National Semiconductor (TI) 54AC174 Datasheet HTML 4Page - National Semiconductor (TI) 54AC174 Datasheet HTML 5Page - National Semiconductor (TI) 54AC174 Datasheet HTML 6Page - National Semiconductor (TI) 54AC174 Datasheet HTML 7Page - National Semiconductor (TI) 54AC174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC174
• 54ACT174
Hex D Flip-Flop with Master Reset
General Description
The ’AC/’ACT174 is a high-speed hex D flip-flop. The device
is used primarily as a 6-bit edge-triggered storage register.
The information on the D inputs is transferred to storage dur-
ing the LOW-to-HIGH clock transition. The device has a
Master Reset to simultaneously clear all flip-flops.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n ’ACT174 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC174: 5962-87626
— ’ACT174: 5962-87757
Logic Symbols
Pin Names
Description
D
0–D5
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q
0–Q5
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100277-1
IEEE/IEC
DS100277-2
July 1998
© 1998 National Semiconductor Corporation
DS100277
www.national.com


Similar Part No. - 54AC174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
Quad D Flip-Flop
logo
Texas Instruments
54AC175 TI1-54AC175 Datasheet
141Kb / 8P
Quad D Flip-Flop
logo
National Semiconductor ...
54AC175D NSC-54AC175D Datasheet
141Kb / 8P
Quad D Flip-Flop
54AC175F NSC-54AC175F Datasheet
141Kb / 8P
Quad D Flip-Flop
54AC175L NSC-54AC175L Datasheet
141Kb / 8P
Quad D Flip-Flop
More results

Similar Description - 54AC174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Fairchild Semiconductor
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com