Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC714 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KPC714
Description  Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC714 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KPC714 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC714 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC714 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
KPC714 • KPC724 • KPC744
3/3
Ambient Temperature Ta (℃ )
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
40
60
100
80
Collector Power Dissipation vs.
Ambient Temperature
-20
0
50
100
150
200
250
Ambient Temperature Ta (℃)
20
0
60
40
100
80
Collector Current vs.
Collector-Emitter Voltage
0
10
20
30
40
10
8
6
4
2
Collector-Emitter Voltage VCE (V)
tr
Output
90%
10%
Waveform
tf
Switching Time Test Circuit
VCC
R
VIN
Input
Test Circuit
VO
RL
I F=5mA
I F=10mA
IF=20mA
I F=30mA
Ta=25℃
PC(max.)
I F=15mA
IF=25mA
Ta=25℃
VCE=5V
Forward Current IF (mA)
0.1
0.001
1
0.01
0.1
1
10
10
Collector Current vs.
Forward Current
100
Ta=-55℃
100
Forward Voltage VF (V)
0.4
0
60
40
20
80
0.8
1.2
Ta=25℃
Ta=70℃
Forward Current vs.
Forward Voltage
1.6
40
Ambient Temperature Ta (℃ )
0
0.001
20
60
80
VCE=24V
Dark Current vs.
Ambient Temperature
0.01
0.1
1
IF=20mA
Collector Current vs.
Ambient Temperature
I F=1mA
Ambient Temperature Ta (℃ )
-20
0
0
40
20
60
100
10
1
IF=5mA
IF=10mA
80
VCE=5V
IC=2mA
Ta=25℃
Ta=25℃
VCE=5V
500
0.1
1
10
100
Load Resistance RL (㏀)
0.1
tr
1.0
2.0
tf
Forward Current IF (mA)
0.1
0.001
1
0.01
0.1
1
10
10
100
Response Time vs.
Load Resistance
Collector Current vs.
Forward Current
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com