Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3132 Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS3132
Description  3A Fast Transient Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3132 Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS3132 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AMS3132
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Device Summary
The AMS3132 is a high voltage low drop out linear
regulator with a current capability of up to 3A. The
LDO has a recommended operating input voltage
range of 1.5V to 7V with an output voltage as low as
0.6V and is stable with a wide range of ceramic,
tantalum, and electrolytic output capacitors.
Shutdown/Enable
The Enable (on/off) input threshold voltage is 1.2V.
When disabled the LDO quiescent current decreases
to a typical value of <1µA.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition. Over-temp shutdown disables the device
when the junction temperature exceeds 145 ºC. The
output current is internally limited to 6A typical.
Input Capacitor
An input bypass capacitor ranging from 1µF to 22µF
is required. The capacitor should be placed as close
as possible to the device and not be placed more than
1 inch from the LDO.
Output Capacitor
The output capacitor requirements range from the
minimum value required to guarantee stability to
larger values required to meet the extreme transient
response requirements. Values range from 10 to
22µF X5R ceramic capacitors. Due to the extreme
voltage coefficient of X5R ceramic capacitors, the
voltage rating should be at least double the maximum
applied voltage.
Adjustable Version: Feedback Resistor Selection
Choosing AMS3132 with adjustable output voltage
option allows the user to select an output voltage by
using an external resistor divider. AMS 3132 uses a
0.6V reference voltage at the positive terminal of the
error amplifier. To set the output voltage a
programming resistor from the adjust pin (ADJ) to
ground must be selected (See Pg.1). A 10kΩ resistor
is a good selection for a programming resistor R1. A
higher value may result in an excessively sensitive
feedback node while a lower value will draw more
current and degrade the light load efficiency. The
equation for selecting the voltage specific resistor is:
R2=
Vout
Vref
-1
·R1 =
5V
0.6V
-1
·10kΩ=73.2kΩ
Table 1: Adjustable Feedback Resistor values
Vout (V)
R2 (kΩ)
(R1=10kΩ)
1.8
20.0
2.5
31.6
3.3
45.3
5.0
73.2
Power Good Version
During
operation,
fault
conditions
can
occur
unexpectedly. Such conditions include input voltage
dropout (low VIN), overheating, or overloading
(excessive output current). If any of these conditions
occurs, the PG pin will set an “error flag”. The PG pin,
which is an open-collector output, will go LOW when
VOUT is less than 95% or the specified output voltage.
When the voltage at VOUT is greater than 95% of the
specified output voltage, the PG pin is HIGH. A logic
pull-up resistor of 10KΩ is recommended at this
output. The pin can be left disconnected if unused.
PCB Layout
The following guidelines should be followed to insure
proper layout.
1. VIN Capacitor. A low ESR ceramic bypass
capacitor must be placed as close to the IC as
possible.
2. Adjustable (ADJ) Feedback Resistors. The
adjustable feedback resistors should be placed as
close as possible the IC. Minimize the length of
the trace from the feedback pin to the resistors.
This is a high impedance node susceptible to
interference from external RF noise sources
3. Ground.
4. For good thermal performance vias are required
to couple the tab of the TO-263 package to the
PCB ground plane. The via diameter should be
0.3mm to 0.33mm positioned on a 1.2mm grid.
Output Power and Thermal Limits
The AMS3132 junction temperature and current
capability depends on the internal dissipation and the
junction to case thermal resistance of the TO-263
exposed tab packages. Additionally, the tab paddle
and PCB temperature will be elevated due to the total
losses of the LDO and of other circuits mounted to the
PCB.
Tjmax=Pd·θjc+Tpcb+Tamb
The internal losses contribute to the junction
temperature rise above the paddle and PCB
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com