Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB3C Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 17Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 18Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 19Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
AS-Interface Components
EB3L Lamp Barrier
Wiring Example of Intrinsically Safe External Output
Recommended Connector Cable for Connector Types
Description
No. of Poles Length (m)
Type No.
Appearance
Applicable Type
With Shield
20
0.5
FC9Z-H050A20
MicroSmart I/O Module
1
FC9Z-H100A20
2
FC9Z-H200A20
3
FC9Z-H300A20
Without Shield
0.5
FC9Z-H050B20
MicroSmart I/O Module
1
FC9Z-H100B20
2
FC9Z-H200B20
3
FC9Z-H300B20
Cable with Crimping
Terminal
1
BX9Z-H100E4
Screw Terminal Type
2
BX9Z-H200E4
3
BX9Z-H300E4
40-pin Cable for PLC
1
BX9Z-H100B
Mitsubishi A, Q Series
Output Module (sink type)
EB3L-S16CSD-C
2
BX9Z-H200B
3
BX9Z-H300B
2. Separate Wiring
3. Wiring Illuminated Pushbuttons and Illuminated Selector Switches
1. Common Wiring (Maximum 16 cicuits) (Buzzers cannot be wired in a common line.)
EB3L-S10
EB3L-S06
EB3L-S03
EB3L-S01
EB3L-S16C
EB3L-S01
EB3L-S03
EB3L-S06
EB3L-S10
EB3L-S08C
EB3L-S08C
EB3L-S10
EB3L-S06
EB3L-S03
EB3L-S01
EB3L-S16C
(+) (–)
• All output lines are wired to a common line inside the intrinsically safe equipment (one common line per intrinsically safe circuit).
• All input lines are wired to a common line outside the intrinsically safe equipment (one common line per intrinsically safe circuit).
• Each output line of the EB3L makes up one independent intrinsically safe circuit of a pilot light or buzzer.
• The following example illustrates the wiring for a total of 10 contacts used by three illuminated
(A maximum of 16 channels of EB3L and EB3C can be wired to a common line.)
EB3P consisting of one
enclosure
One intrinsically safe circuit
(16 circuits maximum)
Note:
When using two or more EB3L's
to set up one intrinsically safe circuit
in the common wiring configuration,
interconnect two neutral terminals
(N1 through N10) on each EB3L
between adjacent EB3L's in parallel.
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
LS3
LS2
LS1
LB3
LB2
LB1
LS3
LS2
LS1
LB3
LB2
LB1
EB3C-
∗10
EB3L-S06
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
(+) (–)
pushbuttons (LB1 to LB3) and three illuminated selector switches (LS1 to LS3).
Diagram Symbols
2
1
200
100
350
EB3C-3L catalog Page 18 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com