Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA199
Description  Voltage Output Current Shunt Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199 Datasheet(HTML) 2 Page - Texas Instruments

  INA199 Datasheet HTML 1Page - Texas Instruments INA199 Datasheet HTML 2Page - Texas Instruments INA199 Datasheet HTML 3Page - Texas Instruments INA199 Datasheet HTML 4Page - Texas Instruments INA199 Datasheet HTML 5Page - Texas Instruments INA199 Datasheet HTML 6Page - Texas Instruments INA199 Datasheet HTML 7Page - Texas Instruments INA199 Datasheet HTML 8Page - Texas Instruments INA199 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
INA199
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 13
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 14
2
Applications ........................................................... 1
9
Application and Implementation ........................ 19
3
Description ............................................................. 1
9.1
Application Information............................................ 19
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 19
5
Device Comparison Table..................................... 4
10
Power Supply Recommendations ..................... 22
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 22
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 22
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 22
7.2
ESD Ratings.............................................................. 5
12
Device and Documentation Support ................. 23
7.3
Recommended Operating Conditions ....................... 5
12.1
Documentation Support ........................................ 23
7.4
Thermal Information .................................................. 6
12.2
Community Resources.......................................... 23
7.5
Electrical Characteristics, TA = 25°C ........................ 6
12.3
Trademarks ........................................................... 23
7.6
Electrical Characteristics, TA = –40°C to 105°C ....... 7
12.4
Electrostatic Discharge Caution ............................ 23
7.7
Typical Characteristics .............................................. 8
12.5
Glossary ................................................................ 23
8
Detailed Description ............................................ 12
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 12
Information ........................................................... 23
8.2
Functional Block Diagram ....................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (November 2012) to Revision E
Page
•
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Changes from Revision C (August 2012) to Revision D
Page
•
Changed Frequency Response, Bandwidth parameter in Electrical Characteristics table .................................................... 6
•
Updated Figure 21 ................................................................................................................................................................ 14
•
Updated Figure 22 ................................................................................................................................................................ 15
Changes from Revision B (February 2010) to Revision C
Page
•
Added INA199Bx gains to fourth Features bullet ................................................................................................................... 1
•
Added INA199Bx data to Product Family Table..................................................................................................................... 4
•
Added INA199Bx data to Package Information table ............................................................................................................. 4
•
Added QFN package information to Temperature Range section of Electrical Characteristics table.................................... 6
•
Added silicon version B data to Input, Common-Mode Input Range parameter of Electrical Characteristics table .............. 7
•
Updated Figure 3 .................................................................................................................................................................... 8
•
Updated Figure 9 .................................................................................................................................................................... 9
•
Updated Figure 12 .................................................................................................................................................................. 9
•
Changed last paragraph of the Selecting RS section to cover both INA199Ax and INA199Bx versions ............................. 13
•
Changed Input Filtering section............................................................................................................................................ 14
•
Added Improving Transient Robustness section .................................................................................................................. 18
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com