Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA197AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA197AIDBVT
Description  Current Shunt Monitor ??6 V to 80 V Common-Mode Range
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA197AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  INA197AIDBVT Datasheet HTML 1Page - Texas Instruments INA197AIDBVT Datasheet HTML 2Page - Texas Instruments INA197AIDBVT Datasheet HTML 3Page - Texas Instruments INA197AIDBVT Datasheet HTML 4Page - Texas Instruments INA197AIDBVT Datasheet HTML 5Page - Texas Instruments INA197AIDBVT Datasheet HTML 6Page - Texas Instruments INA197AIDBVT Datasheet HTML 7Page - Texas Instruments INA197AIDBVT Datasheet HTML 8Page - Texas Instruments INA197AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 12
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
9
Application and Implementation ........................ 22
3
Description ............................................................. 1
9.1
Application Information............................................ 22
4
Revision History..................................................... 2
9.2
Typical Application .................................................. 22
5
Device Comparison Table..................................... 3
10
Power Supply Recommendations ..................... 23
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 24
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 24
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 24
7.2
ESD Ratings ............................................................ 4
12
Device and Documentation Support ................. 25
7.3
Recommended Operating Conditions ....................... 4
12.1
Related Links ........................................................ 25
7.4
Thermal Information .................................................. 4
12.2
Trademarks ........................................................... 25
7.5
Electrical Characteristics........................................... 5
12.3
Electrostatic Discharge Caution ............................ 25
7.6
Typical Characteristics .............................................. 7
12.4
Glossary ................................................................ 25
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 25
8.2
Functional Block Diagram ....................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (February 2010) to Revision G
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
Changes from Revision E (August 2006) to Revision F
Page
•
Updated document format to current standards..................................................................................................................... 1
•
Added test conditions to Output, Total Output Error parameter in Electrical Characteristics: VS = +12V.............................. 5
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com