Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC20 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC20
Description  Dual 4-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC20 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC20 Datasheet HTML 1Page - National Semiconductor (TI) 54AC20 Datasheet HTML 2Page - National Semiconductor (TI) 54AC20 Datasheet HTML 3Page - National Semiconductor (TI) 54AC20 Datasheet HTML 4Page - National Semiconductor (TI) 54AC20 Datasheet HTML 5Page - National Semiconductor (TI) 54AC20 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC20
Dual 4-Input NAND Gate
General Description
The ’AC20 contains four 4-input NAND gates.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n Standard Military Drawing (SMD)
n ’AC20: 5962-87613
Logic Symbol
Pin Names
Description
A
n,Bn,Cn,Dn
Inputs
O
n
Outputs
Connection Diagrams
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100264-1
Pin Assignment
for DIP and Flatpak
DS100264-3
Pin Assignment
for LCC
DS100264-2
July 1998
© 1998 National Semiconductor Corporation
DS100264
www.national.com


Similar Part No. - 54AC20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC240 NSC-54AC240 Datasheet
138Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Silicon Supplies
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
413Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
54AC240 SS-54AC240 Datasheet
316Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
logo
Texas Instruments
54AC240-N TI1-54AC240-N Datasheet
188Kb / 10P
54AC240 54ACT240 Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54AC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com