Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8481MME-S/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MME-S/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP8481MME-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 19Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 20Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 21Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMP848x amplifies the voltage developed across a current-sensing resistor when current passes through it.
Flexible offset inputs allow adjusting the functionality of the output for multiple configurations, as discussed
throughout this section.
9.1.1 Input Common-Mode and Differential Voltage Range
The input common-mode range, where “common-mode range” is defined as the voltage from ground to the
voltage on RSP input, should be in the range of 4.0 V to 76 V. Operation below 4.0 V on either input pin will
introduce severe gain error and nonlinearities.
The maximum differential voltage (defined as the voltage difference between RSP and RSN) should be 667 mV or
less. The theoretical maximum input is 700 mV (14 V / 20).
Taking the inputs below 4 V will not damage the device, but the output conditions during this time are not
predictable and are not ensured.
If the load voltage (Vcm) is expected to fall below 4 V as part of normal operation, preparations must be made for
invalid output levels during this time.
9.2 Typical Applications
9.2.1 Unidirectional Application With LMP8480
Figure 27. Unidirectional Application with LMP8480
9.2.1.1 Design Requirements
The LMP8480 is designed for unidirectional current sense applications. The output of the amplifier will be equal
to the differential input voltage times the fixed device gain.
9.2.1.2 Detailed Design Procedure
The output voltage can be calculated from:
VOUT = ( (VRSP – VRSN) × Av )
(9)
18
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com