Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8481MMX-S/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MMX-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MMX-S/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP8481MMX-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 19Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 20Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 21Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 22Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
Typical Applications (continued)
It should be noted that the minimum “zero” reading will be limited by the lower output swing and input offset. The
LMP8480 is functionally identical to the LMP8481, but with the VREFA and VREFB nodes grounded internally. The
LMP8481 can replace the LMP8480 if both the VREF inputs (pins 6 and 7) are grounded.
9.2.1.3 Application Curve
Figure 28. Unidirectional Transfer Function for Gain-of-20 Option
9.2.2 Bidirectional Current Sensing Using LMP8481
Figure 29. Bidirectional Current Sensing Using LMP8481
9.2.2.1 Design Requirements
Bidirectional operation is required where the measured load current can be positive or negative. Because VSENSE
can be positive or negative, and the output cannot swing negative, the “zero” output level must be level-shifted
above ground to a known zero reference point. The LMP8481 allows for the setting this reference point.
9.2.2.2 Detailed Design Procedure
The VREFA and VREFB pins set the zero reference point. The output “zero” reference point is set by applying a
voltage to the REFA and/or REFB pins. See the Unidirectional Application With LMP8480 section. VREFA and
VREFB Pins (LMP8481 Only) shows the output transfer function with a 1.2-V reference applied to the Gain-of-20
option.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com