Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS0630G-151M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0630G-151M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0630G-151M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0630G-151M Datasheet HTML 1Page - Frontier Electronics. CSS0630G-151M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0630G Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
I sat
(A)
CSS0630G-1R0M
1R0
1.0
100
0.014
3.59
4.03
CSS0630G-1R5M
1R5
1.5
100
0.016
2.93
3.63
CSS0630G-2R2M
2R2
2.2
100
0.020
2.42
3.30
CSS0630G-3R6M
3R6
3.6
100
0.026
1.89
2.83
CSS0630G-4R7M
4R7
4.7
100
0.033
1.66
2.45
CSS0630G-6R2M
6R2
6.2
100
0.039
1.45
2.20
CSS0630G-100M
100
10
100
0.059
1.14
1.77
CSS0630G-120M
120
12
100
0.063
1.04
1.70
CSS0630G-150M
150
15
100
0.075
0.93
1.55
CSS0630G-180M
180
18
100
0.089
0.85
1.41
CSS0630G-220M
220
22
100
0.115
0.77
1.23
CSS0630G-270M
270
27
100
0.144
0.70
1.08
CSS0630G-330M
330
33
100
0.168
0.63
0.99
CSS0630G-390M
390
39
100
0.180
0.58
0.95
CSS0630G-470M
470
47
100
0.225
0.53
0.84
CSS0630G-560M
560
56
100
0.264
0.48
0.76
CSS0630G-680M
680
68
100
0.324
0.44
0.69
CSS0630G-820M
820
82
100
0.396
0.40
0.61
CSS0630G-101M
101
100
100
0.498
0.36
0.54
CSS0630G-151M
151
150
100
0.738
0.31
0.42
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CSS0630G
6.3
(0.248)
6.2
(0.244)
3.0
(0.118)
4.8
(0.189)
0.6
(0.024)
2.0
(0.079)
6.6
(0.260)
4.6
(0.181)
2.6
(0.102)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0603G-xxx_, “CSS0603G” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 30% of initial value at rated current, temperature rise
∆t < 40ºC at rated current.
8. Inductance and Current range: From 1.0µH (3.59A) to 150.0 µH (0.31A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS0630G-151M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0630G-151M FRONTIER-CSS0630G-151M Datasheet
262Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0630G-151M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com