Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXR94 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KXR94
Description  Accelerometers and Inclinometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXR94 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KXR94 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXR94 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PERFORMANCE SPECIFICATIONS
PARAMETERS
UNITS
KXR94-2050
KXR94-2353
CONDITION
Range 1
g
±2.0
Factory programmable
Sensitivity
mV/g
660 typical (673 max)
Not applicable
12-bit operation
counts/g
Not applicable
819 target (835 max)
0g Offset vs. Temp.
mg/°C
±0.2 typical
Sensitivity vs. Temp
%/°C
±0.01 (xy) ±0.02 (z) typical
Noise Density
45 typical
Bandwidth 2
Hz
800
-3dB
Non-Linearity
% of FS
0.1 typical
% of full scale output
Ratiometric Error
%
±1.25 (xy) ±0.2 (z) typical
3.3V ± 5%
Cross-axis Sensitivity
%
2.0 typical
A/D Conversion Time
µS
Not applicable
40 typical
SPI Communication Rate 3
MHz
Not Applicable
5 typical
Power Supply
V
3.3
Standard
Current Consumption
mA
0.95 typical
Operating
1.03 typical
µA
5 max
Standby
ENVIRONMENTAL SPECIFICATIONS
PARAMETERS
UNITS
KXR94-2050
KXR94-2353
CONDITION
Operating Temperature
°C
-40 to 85 (Consumer/Industrial)
Powered
-40 to 125 (Automotive)
Storage Temperature
°C
-55 to 150
Un-powered
Mechanical Shock
g
5000
Powered or un-powered,
0.5 msec halversine
ESD
V
3000
Human body model
KXR94 Series
Accelerometers and Inclinometers
PERFORMANCE SPECIFICATIONS
The performance parameters below are programmed and tested at 3.3 volts. However, the device can be factory
programmed to accept supply voltages from 2.5 V to 5.25 V. Performance parameters will change with supply
voltage variations.
NOTES
1 Custom ranges from 1.0g to 4.0g available.
2 Internal low pass filter. Lower frequencies are user definable with external capacitors.
3 SPI communication rate can be optimized for faster communication.
ORDERING GUIDE
Product
Axis(es) of
Sensitivity
Range
(g)
Sensitivity
Offset
Operating
Voltage (V)
Temperature
(°C)
Package
Ouput
KXR94-1050
XYZ
2
560 (mV/g)
1.4 V
2.8
-40 to +85
5x5x1.2 DFN
Mux Analog
KXR94-2050
XYZ
2
660 (mV/g)
1.65V
3.3
-40 to +85
5x5x1.2 DFN
Mux Analog
KXR94-2283
XYZ
2
1000 (mV/g)
2.5V
5.0
Mux Analog
-40 to +85
5x5x1.2 DFN
KXR94-2353
XYZ
2
819 (counts/g)
2048 counts
3.3
-40 to +85
5x5x1.2 DFN
Digital SPI
KXR94-7050
XYZ
2
660 (mV/g)
1.65V
3.3
-40 to 125
5x5x1.2 DFN
Mux Analog
Hz
g /
© Kionix 2012 All Rights Reserved
January 26, 2012 Rev. 2.3
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com