Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2010-S Datasheet(PDF) 2 Page - LEM

Part # LF2010-S
Description  Bipolar and insulated current measurement up to 3 kA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF2010-S Datasheet(HTML) 2 Page - LEM

  LF2010-S Datasheet HTML 1Page - LEM LF2010-S Datasheet HTML 2Page - LEM LF2010-S Datasheet HTML 3Page - LEM LF2010-S Datasheet HTML 4Page - LEM LF2010-S Datasheet HTML 5Page - LEM LF2010-S Datasheet HTML 6Page - LEM LF2010-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2/7
8October2015/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 2010-S
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum supply voltage (working) (−40 … 85 °C)
±U
C
V
±25.2
Primary conductor temperature
T
B
°C
100
Maximum steady state primary current (−40 … 85 °C)
I
PN
A
2000
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 9
Standards
● USR indicates investigation to the Standard for Industrial Control Equipment UL 508.
● CNR indicates investigation to the Canadian standard for Industrial Control Equipment CSA C22.2 No. 14-13
Conditions of acceptability
When installed in the end-use equipment, with primary feedthrough potential involved of 600 V AC/DC, consideration shall be
given to the following:
1 - These products must be mounted in a suitable end-use enclosure.
2-Thesecondarypinterminalshavenotbeenevaluatedforfieldwiring.
3-Low voltage control circuit shall be supplied by an isolating source (such as transformer, optical isolator, limiting
impedance or electro-mechanical relay).
4-BasedonthetemperaturetestperformedonallSeries,theprimarybarorconductorshallnotexceed100°Cinthe
end use application.
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL’s Follow-
Up Service. Always look for the Mark on the product.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com