Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DS12 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 22Page - STMicroelectronics LIS2DS12 Datasheet HTML 23Page - STMicroelectronics LIS2DS12 Datasheet HTML 24Page - STMicroelectronics LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics LIS2DS12 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Digital main blocks
LIS2DS12
26/68
DocID027753 Rev 4
Programmable FIFO threshold status, FIFO overrun events and the number of unread
samples stored are available in the FIFO_SRC (2Fh) and FIFO_SAMPLES (30h) registers
and can be set to generate dedicated interrupts on the INT1 and INT2 pins using the CTRL4
(23h) and CTRL5 (24h) registers.
FIFO_SRC (2Fh) (FIFO_FTH) goes to '1' when the number of unread samples FIFO_SRC
(2Fh) and FIFO_SAMPLES (30h) (Diff[8:0]) is greater than or equal to FTH [7:0] in
FIFO_THS (2Eh).
If FTH [7:0] is equal to '0', FIFO_SRC (2Fh) (FIFO_FTH) goes to '0'.
FIFO_SRC (2Fh) (FIFO_OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO_SRC (2Fh) and FIFO_SAMPLES (30h) (Diff[8:0]) contain stored data levels of unread
samples. When Diff[8:0] is equal to '000000000', FIFO is empty. When Diff[8:0] is equal to
'100000000', FIFO is full and the unread samples are 256.
When the FIFO threshold status flag is '0'-logic, FIFO filling is lower than the threshold level
and when '1'-logic, FIFO filling is equal to or higher than the threshold level.
5.4.1
Bypass mode
In Bypass mode (FIFO_CTRL (25h) (FMODE [2:0])= 000), the FIFO is not operational, no
data is collected in FIFO memory, and it remains empty with the only actual sample
available in the output registers.
Bypass mode is also used to reset the FIFO when in FIFO mode.
For each channel only the first address is used. When new data is available, the old data is
overwritten.
5.4.2
FIFO mode
In FIFO mode (FIFO_CTRL (25h) (FMODE [2:0])= 001) data from the X, Y and Z channels
are stored in the FIFO until it is full, when 256 unread samples are stored in memory, data
collecting is stopped.
To reset the FIFO content, Bypass mode should be written in the FIFO_CTRL (25h) register,
setting the FMODE [2:0] bits to '000'. After this reset command, it is possible to restart FIFO
mode, writing the value '001' in FIFO_CTRL (25h) (FMODE [2:0]).
The FIFO buffer can memorize 256 slots of X, Y and Z data.
5.4.3
Continuous mode
Continuous mode (FIFO_CTRL (25h) (FMODE[2:0] = 110) provides a continuous FIFO
update: when 256 unread samples are stored in memory, as new data arrives the oldest
data is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_CTRL (25h) (FIFO_FTH) is asserted when the number of
unread samples in FIFO is greater than or equal to FIFO_THS (2Eh) (FTH[7:0]).
It is possible to route FIFO_CTRL (25h)(FTH) to the INT1 pin by writing the INT1_FTH bit to
'1' in register CTRL4 (23h) or to the INT2 pin by writing the INT2_FTH bit to '1' in register
CTRL5 (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in
FIFO_SRC (2Fh) is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com