Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DS12TR Datasheet(PDF) 61 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 57Page - STMicroelectronics LIS2DS12TR Datasheet HTML 58Page - STMicroelectronics LIS2DS12TR Datasheet HTML 59Page - STMicroelectronics LIS2DS12TR Datasheet HTML 60Page - STMicroelectronics LIS2DS12TR Datasheet HTML 61Page - STMicroelectronics LIS2DS12TR Datasheet HTML 62Page - STMicroelectronics LIS2DS12TR Datasheet HTML 63Page - STMicroelectronics LIS2DS12TR Datasheet HTML 64Page - STMicroelectronics LIS2DS12TR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
DocID027753 Rev 4
61/68
LIS2DS12
Advanced configuration registers description
68
10
Advanced configuration registers description
10.1
PEDO_DEB_REG (2Bh)
Table 102. PEDO_DEB_REG register default values
Table 103. PEDO_DEB_REG register description
10.2
SLV0_ADD (30h)
I2C slave address of the first external sensor (Sensor1) register (r/w).
Table 104. SLV0_ADD register
Table 105. SLV0_ADD register description
10.3
SLV0_SUBADD (31h)
Address of register on the first external sensor (Sensor1) register (r/w).
Table 106. SLV0_SUBADD register
Table 107. SLV0_SUBADD register description
DEB_
TIME4
DEB_
TIME3
DEB_
TIME2
DEB_
TIME1
DEB_
TIME0
DEB_
STEP2
DEB_
STEP1
DEB_
STEP0
DEB_TIME[4:0]
Debounce time. If the time between two consecutive steps is greater than
DEB_TIME*80ms, the debouncer is reactivated. Default value: 01101
DEB_STEP[2:0]
Debounce threshold. Minimum number of steps to increment step counter
(debounce). Default value: 110
Slave0_
add6
Slave0_
add5
Slave0_
add4
Slave0_
add3
Slave0_
add2
Slave0_
add1
Slave0_
add0
rw_0
Slave0_add6[6:0]
I2C slave address of Sensor1 that can be read by sensor hub.
Default value: 0000000
rw_0
Read/write operation on Sensor1. Default value: 0
(0: write operation; 1: read operation)
Slave0_
reg7
Slave0_
reg6
Slave0_
reg5
Slave0_
reg4
Slave0_
reg3
Slave0_
reg2
Slave0_
reg1
Slave0_
reg0
Slave0_reg[7:0]
Address of register on Sensor1 that has to be read/written according to the
rw_0 bit value in SLV0_ADD (30h). Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com