Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA827 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA827_13 Datasheet HTML 9Page - Texas Instruments INA827_13 Datasheet HTML 10Page - Texas Instruments INA827_13 Datasheet HTML 11Page - Texas Instruments INA827_13 Datasheet HTML 12Page - Texas Instruments INA827_13 Datasheet HTML 13Page - Texas Instruments INA827_13 Datasheet HTML 14Page - Texas Instruments INA827_13 Datasheet HTML 15Page - Texas Instruments INA827_13 Datasheet HTML 16Page - Texas Instruments INA827_13 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Time (100 ms/div)
G054
Time (50 ms/div)
Output Voltage
Output Settling
G061
Time (5 ms/div)
G052
Time (20 ms/div)
G053
−0.2
−0.1
0
0.1
0.2
Time (5 ms/div)
CL = 0 pF
CL = 100 pF
CL = 220 pF
CL = 500 pF
CL = 1 nF
CL = 220 nF
G045
Time (5 ms/div)
G046
INA827
www.ti.com
SBOS631A – JUNE 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 5, unless otherwise noted.
SMALL-SIGNAL RESPONSE OVER
SMALL-SIGNAL RESPONSE
CAPACITIVE LOADS (G = 5)
(G = 5, RL = 1 kΩ, CL = 100 pF)
Figure 43.
Figure 44.
SMALL-SIGNAL RESPONSE
SMALL-SIGNAL RESPONSE
(G = 10, RL = 10 kΩ, CL = 100 pF)
(G = 100, RL = 10 kΩ, CL = 100 pF)
Figure 45.
Figure 46.
SMALL-SIGNAL RESPONSE
LARGE-SIGNAL RESPONSE AND SETTLING TIME
(G = 1000, RL = 10 kΩ, CL = 100 pF)
(G = 5, RL = 10 kΩ, CL = 100 pF)
Figure 47.
Figure 48.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com