Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431ACM Datasheet(PDF) 13 Page - Texas Instruments

Part # LM431ACM
Description  Adjustable Precision Zener Shunt Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431ACM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM431ACM Datasheet HTML 9Page - Texas Instruments LM431ACM Datasheet HTML 10Page - Texas Instruments LM431ACM Datasheet HTML 11Page - Texas Instruments LM431ACM Datasheet HTML 12Page - Texas Instruments LM431ACM Datasheet HTML 13Page - Texas Instruments LM431ACM Datasheet HTML 14Page - Texas Instruments LM431ACM Datasheet HTML 15Page - Texas Instruments LM431ACM Datasheet HTML 16Page - Texas Instruments LM431ACM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
_ MIN
O
S _ MAX
LOAD _ MAX
Z _ MIN
V
V
R
I
I
+
-
=
+
_ MAX
O
S _ MIN
LOAD _ MIN
Z _ MAX
V
V
R
I
I
+
-
=
+
LM431
www.ti.com
SNVS020H – MAY 2000 – REVISED JANUARY 2016
9.2 Typical Applications
9.2.1 Shunt Regulator
Figure 12. Shunt Regulator
9.2.1.1 Design Requirements
Design a shunt regulator with the following requirements:
•
V+ > VO
•
VO = 5 V
Select RS (a resistor between V+ and VO) such that: 1 mA < IZ < 100 mA
9.2.1.2 Detailed Design Procedure
The resistor RS must be selected such that current IZ remains in the operational region of the part for the entire
V+ range and load current range. The two extremes to consider are V+ at its minimum, and the load at its
maximum, where RS must be small enough for IZ to remain above 1 mA. The other extreme is V+ at its
maximum, and the load at its minimum, where RS must be large enough to maintain IZ < 100 mA. If unsure, try
using 1 mA
≤ IR ≤ 10 mA as a starting point; just remember the value of IZ varies with input voltage and load.
Use Equation 4 and Equation 5 to set RS between RS_MIN and RS_MAX.
(4)
(5)
Set feedback resistors R1 and R2 for a resistor divider based on Equation 2 and reproduced in Equation 6
VO = VREF * (1 + R1/R2)
(6)
So, for a 5-V output voltage, VO, and VREF of 2.5 V, simple calculation yields R1/R2 = 1. Based on this, select
R1 = 1 kΩ and R2 = 1 kΩ.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com