Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025MDTEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025MDTEP
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025MDTEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF5025MDTEP Datasheet HTML 9Page - Texas Instruments REF5025MDTEP Datasheet HTML 10Page - Texas Instruments REF5025MDTEP Datasheet HTML 11Page - Texas Instruments REF5025MDTEP Datasheet HTML 12Page - Texas Instruments REF5025MDTEP Datasheet HTML 13Page - Texas Instruments REF5025MDTEP Datasheet HTML 14Page - Texas Instruments REF5025MDTEP Datasheet HTML 15Page - Texas Instruments REF5025MDTEP Datasheet HTML 16Page - Texas Instruments REF5025MDTEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
-2V
+2V
+5V
NOTE: Bypass capacitors not shown.
R
1
10kW
R
2
10kW
-5V
OPA735
+5V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5020
1 F
m
REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
www.ti.com
SBOS471B – APRIL 2010 – REVISED JUNE 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The REF50xx devices are low-noise, precision bandgap voltage references that are specifically designed for
excellent initial voltage accuracy and drift. View the Functional Block Diagram of the REF50xx.
When designing circuits with a voltage reference, output noise is one of the main concerns. The main source of
voltage noise in the reference voltages originates from the bandgap and output amplifier, which contribute
significantly to the overall noise. During the design process, it is important to minimize these sources of voltage
noise.
8.2 Typical Applications
8.2.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF50xx and OPA735 can be used to
provide a dual-supply reference from a 5-V supply. Figure 25 shows the REF5020 used to provide a 2.5-V supply
reference voltage. The low-drift performance of the REF50xx complements the low offset voltage and zero drift of
the OPA735 to provide an accurate solution for split-supply applications. Care must be taken to match the
temperature coefficients of R1 and R2.
Figure 25. The REF5020 and OPA735 Create Positive and Negative Reference Voltages
8.2.1.1 Design Requirements
When using REF50xx in the design, it is important to select proper capacitive load that will not create gain
peaking adding noise to the output voltage. At the same time, the capacitor must be selected to provide required
filtering performance for the system. In addition, input bypass capacitor and noise reduction capacitors must be
added for optimum performances.
8.2.1.2 Detailed Design Procedure
Proper design procedure will require first to select output capacitor. If the ESR of the capacitor is not in 1-
Ω
range additional resistor must be added in series with the load capacitor. Next, add a 1-µF capacitor to the NR
pin to reduce internal noise of the REF50xx. Measuring output noise will confirm if the design has met the initial
target.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com