| Electronic Components Datasheet Search |
|
REF2033 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF2033 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 32 page ![]() OUT SHUNT BIAS LOAD SHUNT BIAS V G V V G I R V r r RSHUNT ±ILOAD VBUS + IN+ IN- REF OUT + Bandgap V+ VCC VREF VBIAS VIN EN GND GND VOUT REF20xx INA213B + ± + ± ± VSHUNT REF2025, REF2030, REF2033, REF2041 www.ti.com SBOS600B – MAY 2014 – REVISED JULY 2014 Typical Application (continued) 10.2.1.2 Detailed Design Procedure Low-side current sensing is desirable because the common-mode voltage is near ground. Therefore, the current- sensing solution is independent of the bus voltage, VBUS. When sensing bidirectional currents, use a differential amplifier with a reference pin. This procedure allows for the differentiation between positive and negative currents by biasing the output stage such that it can respond to negative input voltages. There are a variety of methods for supplying power (V+) and the reference voltage (VREF, or VBIAS) to the differential amplifier. For a low-drift solution, use a monolithic reference that supplies both power and the reference voltage. Figure 50 shows the general circuit topology for a low-drift, low-side, bidirectional, current-sensing solution. This topology is particularly useful when interfacing with an ADC; see Figure 49. Not only do VREF and VBIAS track over temperature, but their matching is much better than alternate topologies. For a more detailed version of the design procedure, refer to TIDU357. Figure 50. Low-Drift, Low-side, Bidirectional, Current-Sensing Circuit Topology The transfer function for the circuit given in Figure 50 is as shown in Equation 5: (5) Copyright © 2014, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: REF2025 REF2030 REF2033 REF2041 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |