Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025IDRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025IDRG4
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025IDRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5025IDRG4 Datasheet HTML 7Page - Texas Instruments REF5025IDRG4 Datasheet HTML 8Page - Texas Instruments REF5025IDRG4 Datasheet HTML 9Page - Texas Instruments REF5025IDRG4 Datasheet HTML 10Page - Texas Instruments REF5025IDRG4 Datasheet HTML 11Page - Texas Instruments REF5025IDRG4 Datasheet HTML 12Page - Texas Instruments REF5025IDRG4 Datasheet HTML 13Page - Texas Instruments REF5025IDRG4 Datasheet HTML 14Page - Texas Instruments REF5025IDRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Hours
C001
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900 1000
Hours
C001
-150
-100
-50
0
50
100
150
200
250
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
Hours
C001
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2 V, unless otherwise noted. For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7
V.
SO-8
SO-8
Figure 25. REF50xx Long-Term Stability (First 1000 Hours)
Figure 26. REF50xx Long-Term Stability (Second 1000
Hours)
SO-8
Figure 27. REF50xx Long-Term Stability (2000 Hours)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com