Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045IDGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045IDGKT
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045IDGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5045IDGKT Datasheet HTML 3Page - Texas Instruments REF5045IDGKT Datasheet HTML 4Page - Texas Instruments REF5045IDGKT Datasheet HTML 5Page - Texas Instruments REF5045IDGKT Datasheet HTML 6Page - Texas Instruments REF5045IDGKT Datasheet HTML 7Page - Texas Instruments REF5045IDGKT Datasheet HTML 8Page - Texas Instruments REF5045IDGKT Datasheet HTML 9Page - Texas Instruments REF5045IDGKT Datasheet HTML 10Page - Texas Instruments REF5045IDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
10
Frequency(Hz)
160
140
120
100
80
60
40
20
0
100k
100
1k
10k
-15
-10
-5
LoadCurrent(mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
15
0
5
10
+125 C
°
+25 C
°
-
°
40 C
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C001
OutputInitialAccuracy(%)
Drift(ppm/ C)
°
Drift(ppm/ C)
°
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
7.6 Typical Characteristics
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2 V, unless otherwise noted. For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7
V.
(0°C to 85°C)
(–40°C to 125°C)
Figure 1. Temperature Drift
Figure 2. Temperature Drift
Figure 3. Output Voltage Initial Accuracy
Figure 4. Output Voltage Accuracy vs Temperature
Figure 5. Power-Supply Rejection Ratio vs Frequency
Figure 6. Dropout Voltage vs Load Current
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com