Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12V0L1B2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D12V0L1B2LP
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D12V0L1B2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D12V0L1B2LP Datasheet HTML 1Page - Diodes Incorporated D12V0L1B2LP Datasheet HTML 2Page - Diodes Incorporated D12V0L1B2LP Datasheet HTML 3Page - Diodes Incorporated D12V0L1B2LP Datasheet HTML 4Page - Diodes Incorporated D12V0L1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D12V0L1B2LP
Document number: DS36846 Rev. 2 - 2
3 of 5
www.diodes.com
June 2014
© Diodes Incorporated
D12V0L1B2LP
0
t, TIME ( s)
Figure 3 Pulse Waveform
μ
20
40
60
100
50
0
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Junction Capacitance
5
6
7
8
9
10
11
12
0
2
4
6
8
10
12
Figure 5 ESD Response to IEC 61000-4-2
(+8kV Contact Discharge)
40V/div
20ns/div
Figure 6 ESD Response to IEC 61000-4-2
(-8kV Contact Discharge)
20ns/div
40V/div
TLP VOLTAGE (V)
Figure 7 Transmission Line Pulsing (TLP) Current vs. Voltage
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com