Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDI-E801 Datasheet(PDF) 1 Page - API Delevan

Part # PDI-E801
Description  GaAlAs High Power IR LED Emitters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PDI-E801 Datasheet(HTML) 1 Page - API Delevan

  PDI-E801 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Advanced Photonix, Inc.
FEATURES
DESCRIPTION
APPLICATIONS
• High output power
• High reliability
• Wide emission angle
SYMBOL PARAMETER
MIN
MAX
UNITS
Pd
Power Dissipation
160
mW
If
Continuous Forward Current
100
mA
Ip
Peak Forward Current
3.0
A
Vr
Reverse Voltage
5
V
TSTG
Storage Temperature
-55
+100
°C
TO
Operating Temperature
-55
+100
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Po
Output Power
If = 100 mA
4
5.6
mW
Vf
Forward Voltage
If = 100 mA
1.5
1.9
V
Vr
Reverse Breakdown Voltage
If = 10 μA
5
30
V
lp
Peak Wavelength
If = 20 mA
865
880
895
nm
Δl
Spectral Bandwidth @ 50% (FWHM)
If = 20 mA
65
nm
Ct
Terminal Capacitance
Vr = 0V, f = 1MHz
15
pF
tr
Rise Time
If = 20 mA
0.75
uS
tf
Fall Time
If = 20 mA
0.40
uS
Ø0.019 [0.48]
Ø0.178 [4.52]
Ø0.195 [4.95]
1.00 [25.4] MIN
Ø0.016 [0.41]
BOTTOM SIDE ANODE
Ø0.005 [Ø0.13]
0.025 [0.64]
0.022 [0.56]
CATHODE
0.100 [2.54]
C
L
45°
L
C
L
C
Ø0.212 [5.38]
Ø0.209 [5.31]
& CASE
ANODE
L
C
CATHODE
0.040
[1.02]
L.E.D.
WINDOW CAP
HEADER
0.145 [3.68]
0.013 [0.33] SQ
(WELDED)
0.098 [2.49]
0.112 [2.84]
0.145 [3.68]
GaAlAs High Power IR LED Emitters
PDI-E801
PACKAGE DIMENSIONS INCH [mm]
TO-46 CAN PACKAGE
The PDI-E801 is an 880 nm high power GaAlAs
infrared emitter packaged in a hermetic TO-46
metal header with a flat window glass.
• Photoelectric switches
• Optical encoders
• Infrared sources
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice. © 2007 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 5/24/07
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
0
20
40
60
80
100
-60
-50
-40
-30
-20
-10
0
10
203040
5060
Beam Angle (deg)
RADIATION PATTERN


Similar Part No. - PDI-E801

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDI-E801 ADVANCEDPHOTONIX-PDI-E801 Datasheet
131Kb / 1P
GaAlAs High Power IR LED Emitters
More results

Similar Description - PDI-E801

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDI-E802 ADVANCEDPHOTONIX-PDI-E802 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E803 ADVANCEDPHOTONIX-PDI-E803 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E804 ADVANCEDPHOTONIX-PDI-E804 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E805 ADVANCEDPHOTONIX-PDI-E805 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E809 ADVANCEDPHOTONIX-PDI-E809 Datasheet
130Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E813 ADVANCEDPHOTONIX-PDI-E813 Datasheet
106Kb / 1P
GaAlAs High power IR LED Emitters
PDI-E825 ADVANCEDPHOTONIX-PDI-E825 Datasheet
109Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E838 ADVANCEDPHOTONIX-PDI-E838 Datasheet
80Kb / 1P
GaAlAs High power IR LED Emitters
PDI-E940 ADVANCEDPHOTONIX-PDI-E940 Datasheet
66Kb / 1P
GaAlAs High power IR LED Emitters
logo
API Delevan
PDI-E940SM API-PDI-E940SM Datasheet
73Kb / 1P
GaAlAs High power IR LED Emitters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com