Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM35CZ/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  Precision Centigrade Temperature Sensors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM35CZ/NOPB Datasheet HTML 5Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 6Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 7Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 8Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 9Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 10Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 11Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 12Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LM35
www.ti.com
SNIS159F – AUGUST 1999 – REVISED JANUARY 2016
6.8 Electrical Characteristics: LM35, LM35C, LM35D
Unless otherwise noted, these specifications apply:
−55°C ≤ TJ ≤ 150°C for the LM35 and LM35A; −40°C ≤ TJ ≤ 110°C for the
LM35C and LM35CA; and 0°C
≤ TJ ≤ 100°C for the LM35D. VS = 5 Vdc and ILOAD = 50 μA, in the circuit of Full-Range
Centigrade Temperature Sensor. These specifications also apply from 2°C to TMAX in the circuit of Figure 14.
LM35
LM35C, LM35D
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
±0.4
±0.4
TA = 25°C
Tested Limit(2)
±1
±1
Design Limit(3)
±0.5
±0.5
TA = –10°C
Tested Limit(2)
Design Limit(3)
±1.5
Accuracy, LM35,
°C
LM35C(1)
±0.8
±0.8
TA = TMAX
Tested Limit(2)
±1.5
Design Limit(3)
±1.5
±0.8
±0.8
TA = TMIN
Tested Limit(2)
Design Limit(3)
±1.5
±2
±0.6
TA = 25°C
Tested Limit(2)
±1.5
Design Limit(3)
±0.9
Accuracy,
TA = TMAX
Tested Limit(2)
°C
LM35D(1)
Design Limit(3)
±2
±0.9
TA = TMIN
Tested Limit(2)
Design Limit(3)
±2
±0.3
±0.2
TMIN ≤ TA ≤ TMAX,
Nonlinearity(4)
Tested Limit(2)
°C
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
±0.5
±0.5
10
10
TMIN ≤ TA ≤ TMAX,
Tested Limit(2)
9.8
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
9.8
Sensor gain
mV/°C
(average slope)
10
10
Tested Limit(2)
10.2
Design Limit(3)
10.2
±0.4
±0.4
TA = 25°C
Tested Limit(2)
±2
±2
Design Limit(3)
Load regulation(5)
mV/mA
0
≤ IL ≤ 1 mA
±0.5
±0.5
TMIN ≤ TA ≤ TMAX,
Tested Limit(2)
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
±5
±5
(1)
Accuracy is defined as the error between the output voltage and 10 mv/°C times the case temperature of the device, at specified
conditions of voltage, current, and temperature (expressed in °C).
(2)
Tested Limits are ensured and 100% tested in production.
(3)
Design Limits are ensured (but not 100% production tested) over the indicated temperature and supply voltage ranges. These limits are
not used to calculate outgoing quality levels.
(4)
Non-linearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the rated
temperature range of the device.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com