Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1345B Datasheet(PDF) 19 Page - ams AG

Part # AS1345B
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345B Datasheet(HTML) 19 Page - ams AG

Back Button AS1345B Datasheet HTML 15Page - ams AG AS1345B Datasheet HTML 16Page - ams AG AS1345B Datasheet HTML 17Page - ams AG AS1345B Datasheet HTML 18Page - ams AG AS1345B Datasheet HTML 19Page - ams AG AS1345B Datasheet HTML 20Page - ams AG AS1345B Datasheet HTML 21Page - ams AG AS1345B Datasheet HTML 22Page - ams AG AS1345B Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 19
Detaile d Desc rip t ion
Inductor Selection
For best efficiency, choose an inductor with high frequency core
material, such as ferrite, to reduce core losses. The inductor
should have low DCR (DC resistance) to reduce the I²R losses,
and must be able to handle the peak inductor current without
saturating. A 10μH to 22μH inductor with greater than 500mA
current rating and less than 500m
Ω DCR is recommended.
When smaller peak currents are selected, the inductor current
specification can be reduced accordingly.
Figure 22:
Recommended Inductors
Part Number
Value
Current
Resistance
Size (ins)
Supplier
ELJLA100KF
10μH
600mA
0.71
Ω
1210
Panasonic
www.panasonic.com
ELJLA220KF
22μH
420mA
1.9
Ω
1210
ELJPA100KF2
10μH
400mA
0.35
Ω
1210
ELJPA220KF2
22μH
290mA
0.66
Ω
1210
ELJPA100KF
10μH
240mA
0.5
Ω
1210
ELJPA150KF
15μH
220mA
0.74
Ω
1210
ELJPA220KF
22μH
185mA
1.15
Ω
1210
ELJPC100MF3
10μH
140mA
0.58
Ω
1008
ELJPC220MF3
22μH
100mA
1.22
Ω
1008
LQH32PN100MNO
10μH
750mA
0.38
Ω
1210
Murata
Manufacturing
Company
www.murata.com
LQH32PN150MNO
15μH
600mA
0.57
Ω
1210
LQH32PN220MNO
22μH
500mA
0.81
Ω
1210
LQH3NPN100NGO
10μH
500mA
0.38
Ω
1212
LQH3NPN150NGO
15μH
370mA
0.91
Ω
1212
LQH3NPN220NGO
22μH
340mA
1.1
Ω
1212
LQH2MCN100M52
10μH
200mA
2.27
Ω
0806
LQH2MCN150M52
15μH
150mA
3.5
Ω
0806
LQH2MCN220M52
22μH
130mA
5.5
Ω
0806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com