Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1383 Datasheet(PDF) 10 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 10 Page - ams AG

Back Button AS1383 Datasheet HTML 6Page - ams AG AS1383 Datasheet HTML 7Page - ams AG AS1383 Datasheet HTML 8Page - ams AG AS1383 Datasheet HTML 9Page - ams AG AS1383 Datasheet HTML 10Page - ams AG AS1383 Datasheet HTML 11Page - ams AG AS1383 Datasheet HTML 12Page - ams AG AS1383 Datasheet HTML 13Page - ams AG AS1383 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2015-May-22
AS1383 − Typical Operating Characteristics
The following figures are summarizing the AS1383 efficiency as
function of load current and input voltage.
Figure 9:
AS1383 Efficiency vs. Load Current
Figure 10:
AS1383 Efficiency vs. Input Voltage (VOUT = 5.0V, ILOAD=100mA)
Typical Operating
Characteristics
50
55
60
65
70
75
80
85
90
95
100
0.0001
0.001
0.01
0.1
1
Vin=2.5V, Vout=5.0V, T=25°C
Vin=3.5V, Vout=5.0V, T=25°C
Vin=4.5V, Vout=5.0V, T=25°C
Output Current (A)
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com