Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1345D Datasheet(PDF) 17 Page - ams AG

Part # AS1345D
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345D Datasheet(HTML) 17 Page - ams AG

Back Button AS1345D Datasheet HTML 13Page - ams AG AS1345D Datasheet HTML 14Page - ams AG AS1345D Datasheet HTML 15Page - ams AG AS1345D Datasheet HTML 16Page - ams AG AS1345D Datasheet HTML 17Page - ams AG AS1345D Datasheet HTML 18Page - ams AG AS1345D Datasheet HTML 19Page - ams AG AS1345D Datasheet HTML 20Page - ams AG AS1345D Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 17
Detaile d Desc rip t ion
Figure 20:
AS1345 with Fixed Output Voltage, with Output Disconnect
Figure 21:
AS1345 with Fixed Output Voltage, without Output Disconnect
AS1345
SWIN
SWOUT
VDD
POK
EN
GND
FB
LX
10uH to 22uH
10uF
10uF
100k
VDD = 2.9V to 5.0V
1uF to 10uF
OFF
ON
Vout = 5.0V to 18V
AS1345
SWIN
SWOUT
VDD
POK
EN
GND
FB
LX
10uH to 22uH
10uF
100k
VDD = 2.9V to 5.0V
1uF to 10uF
OFF
ON
Vout = 5.0V to 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com