Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3608 Datasheet(PDF) 45 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 45 Page - ams AG

Back Button AS3608 Datasheet HTML 41Page - ams AG AS3608 Datasheet HTML 42Page - ams AG AS3608 Datasheet HTML 43Page - ams AG AS3608 Datasheet HTML 44Page - ams AG AS3608 Datasheet HTML 45Page - ams AG AS3608 Datasheet HTML 46Page - ams AG AS3608 Datasheet HTML 47Page - ams AG AS3608 Datasheet HTML 48Page - ams AG AS3608 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
44 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 31. CHG_VCntr Register
Name
Base
Default
CHG_VCntr
2-wire serial
36h
Offset: 19h-1
Charger Voltage Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:5
CHG_V_RESUME
<2:0>
001
R/W
Sets the charger auto resume voltage threshold
000: 3.85V
001: 3.90V
010: 3.95V
011: 4.00V
100: 4.05V
101: 4.10V
110: 4.15V
111: 4.20V
4:3
VSUP_MIN<1:0>
10
R/W
Defines the minimum VSUP voltage during trickle or constant current
charging. The charging current will be reduced if VSUP would drop below
this threshold.
00: 3.9V
01: 3.6V
10: 4.2V
11: 4.5V
2:0
CHG_V_EOC
<2:0>
110
R/W
Sets the charger end of charge voltage threshold
000: 3.90V
001: 3.95V
010: 4.00V
011: 4.05V
100: 4.10V
101: 4.15V
110: 4.20V
111: 4.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com