Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3608-BQFP Datasheet(PDF) 49 Page - ams AG

Part # AS3608-BQFP
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608-BQFP Datasheet(HTML) 49 Page - ams AG

Back Button AS3608-BQFP Datasheet HTML 45Page - ams AG AS3608-BQFP Datasheet HTML 46Page - ams AG AS3608-BQFP Datasheet HTML 47Page - ams AG AS3608-BQFP Datasheet HTML 48Page - ams AG AS3608-BQFP Datasheet HTML 49Page - ams AG AS3608-BQFP Datasheet HTML 50Page - ams AG AS3608-BQFP Datasheet HTML 51Page - ams AG AS3608-BQFP Datasheet HTML 52Page - ams AG AS3608-BQFP Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
48 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
4
CV
x
R
1: if charger is in constant voltage (top-off charge) mode
3
TRICKLE
x
R
1: if charger is in trickle charging mode
2
RESUME
x
R
1: if VBATSW dropped below resume threshold
1
CC
x
R
1: if charger is in constant current charging mode
0
CHG_DET
x
R
1: if a charger adapter is detected on VUSB pin
Table 37. CHG_STAT2 Register
Name
Base
Default
CHG_STAT2
2-wire serial
xxh
Offset: 19h-7
Charger Status Register 2
This is an extended register and needs to be enabled by writing 111b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:3
-
xxxx xx
n/a
1:0
BATSW_MODE
<1:0>
x
R
Shows the battery switch operation mode
00: battery switch open, no ideal diode operation (just for charger start-up)
01: battery switch open, ideal diode operation (charger connected but EOC
reached)
10: battery switch acting as a voltage limited current source (charging)
11: battery switch closed (charger disconnected)
Table 36. CHG_STAT1 Register
Name
Base
Default
CHG_STAT1
2-wire serial
xxh
Offset: 19h-6
Charger Status Register 1
This is an extended register and needs to be enabled by writing 110b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com