Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3649 Datasheet(PDF) 28 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 28 Page - ams AG

Back Button AS3649 Datasheet HTML 24Page - ams AG AS3649 Datasheet HTML 25Page - ams AG AS3649 Datasheet HTML 26Page - ams AG AS3649 Datasheet HTML 27Page - ams AG AS3649 Datasheet HTML 28Page - ams AG AS3649 Datasheet HTML 29Page - ams AG AS3649 Datasheet HTML 30Page - ams AG AS3649 Datasheet HTML 31Page - ams AG AS3649 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
28 - 39
4
adc_convert
0R/W
Start ADC conversion
0
ADC conversion finished
1
Start ADC conversion - once finished the register bit is
automatically reset and the result is stored in adc_result
5
dcdc_skip_enable
1R/W
Allow pulseskip operation of DCDC - see Table 4 on page 12
0
Disabled - force 4MHz (1MHz) operation
1
Enabled - can use pulseskip
1
6
strobe_type
1R/W
Defines if the STROBE input is edge or level sensitive; see also bit
strobe_on (page 28)
0
STROBE input is edge sensitive
1
STROBE input is level sensitive
7
strobe_on
1R/W
Enables the STROBE input
0
STROBE input disabled
1
STROBE input enabled
in flash mode
1. Exception depending on freq_switch_on (see page 29) - see Table 4 on page 12
Table 15. Fault Register
Addr: 8
Fault Register
This register identifies all the different fault conditions and provide information about the
LED detection
Bit
Bit Name
Default
Access
Description
0
status_uvlo
0
R/sC
1
an undervoltage event has happened - see Current Reduction by VIN
Measurements in Flash Mode and Diagnostic Pulse on page 15
0No
1Yes
1
reserved
0
R
reserved - don’t use
2
fault_ntc
0
R/sC
1
LED overtemperature detection hit - see NTC - Flash LED
Overtemperature Protection on page 14
0No
1Yes
3
fault_txmask
0
R/sC
1
TXMASK/TORCH event triggered during flash - see TXMASK event
occurred on page 13
0No
1Yes
4
fault_timeout
0
R/sC
1
see Flash Timeout on page 14
0No fault
1
Flash timeout exceeded
Table 14. Strobe Signalling / ADC Register (Continued)
Addr: 7
Strobe Signalling / ADC Register
This register defines the flash current reducing and mode for STROBE
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com