Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3693B1 Datasheet(PDF) 2 Page - ams AG

Part # AS3693B1
Description  16 Channel high precision LED driver for LCD Backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B1 Datasheet(HTML) 2 Page - ams AG

  AS3693B1 Datasheet HTML 1Page - ams AG AS3693B1 Datasheet HTML 2Page - ams AG AS3693B1 Datasheet HTML 3Page - ams AG AS3693B1 Datasheet HTML 4Page - ams AG AS3693B1 Datasheet HTML 5Page - ams AG AS3693B1 Datasheet HTML 6Page - ams AG AS3693B1 Datasheet HTML 7Page - ams AG AS3693B1 Datasheet HTML 8Page - ams AG AS3693B1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
AS3693B1
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.26 / 2011-04-02
1 - 33
1
General Description
The AS3693B1 is a 16 channels high precision LED
controller with build in PWM generators for driving
external FETs in LCD-backlight panels.
External clock and synchronizing inputs allow the
synchronization of the LCD backlight with the TV
picture. Local dimming and scan dimming is
supported by 16 independent PWM generators with
programmable delay, period and duty cycle. Three
free configurable dynamic power feedback circuits
make the device usable for white LED as well as
RGB backlights. Build in safety features include
thermal shutdown as well as open and short LED
detection. All circuit parameters are programmable
via I2C or SPI interface.
2
Key Features
16 Channel LED driver
Output current only limited by external
transistor
Output voltage 0.4V to 50V
Absolute current accuracy +/- 0.5%
Output slew rate programmable
Current programmable with external resistor
Linear current control with 8 - bit DAC
Linear current control with external analog
voltage
Digital current control with 16 independent
PWM generators
Free programmable 12 bit resolution ( period,
high time and delay )
Overvoltage detection ( short LED )
Undervoltage detection ( open LED )
Temperature shutdown
Fault interrupt output
H-Sync, V-Sync inputs to synchronize with TV-
set
Internal or external PWM – clock
I2C interface
SPI interface
5 bit device - address (sets device address
and interface mode)
Automatic supply regulation feedback
Each output can be assigned to red, green or
blue feedback.
Package MLF64, LQFP64
3
Applications
•
LED backlighting for LCD – TV sets and
monitors
Product Specification, Confidential
AS3693B1–16 Channel high precision LED driver for
LCD Backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com