Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3695A Datasheet(PDF) 2 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 2 Page - ams AG

  AS3695A Datasheet HTML 1Page - ams AG AS3695A Datasheet HTML 2Page - ams AG AS3695A Datasheet HTML 3Page - ams AG AS3695A Datasheet HTML 4Page - ams AG AS3695A Datasheet HTML 5Page - ams AG AS3695A Datasheet HTML 6Page - ams AG AS3695A Datasheet HTML 7Page - ams AG AS3695A Datasheet HTML 8Page - ams AG AS3695A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
AS3693B
www.austriamicrosystems.com
AS3695A
16 channel white LED driver for LCD backlight
General Description
The AS3695A is a 16 channels precision LED
use in LCD-backlight panels.
Dynamic power feedback controls the external power
supply to guarantee best efficiency. Build in safety
features include thermal shutdown as well as open and
short LED detection. The device is programmable via
serial interface.
16 Channel LED driver
Output voltage max. 30V
Output current 120mA
Linear current setting using 10-bit DAC
Current accuracy ±0.5% @ VDAC=250mV
Channel to Channel current accuracy ±0.2%
Output slew rate programmable
Current programmable with external resistor
Digital current control with 16 independent PWM
generators
Free programmable 12 bit resolution
( period, high time and delay )
1
Block diagram
austriamicrosystems
Rev 1.10 / 2010-12-8
1 - 33
16 channel white LED driver for LCD backlight
eneral Description
is a 16 channels precision LED driver for
Dynamic power feedback controls the external power
supply to guarantee best efficiency. Build in safety
include thermal shutdown as well as open and
detection. The device is programmable via
bit DAC
Current accuracy ±0.5% @ VDAC=250mV
accuracy ±0.2%
Output slew rate programmable
Current programmable with external resistor
control with 16 independent PWM
12 bit resolution
Product Specifica
PWM-generator clock
Internal RC-oscillator
External Clock
H-Sync, V-Sync inputs to
Direct PWM mode
Undervoltage detection (
Undervoltage auto-turnoff
Overvoltage detection ( short LED )
Overvoltage auto-turnoff
Temperature shutdown
Register lock/unlock function
Fault interrupt output
2 configurable supply regulation feedback outputs
SPI interface
6kV ESD at current sink
2kV ESD an all other pins
Package QFN48 7x7mm, 0.5
Applications
LED backlighting for LCD
monitors
AS3695A
PWM
CURR1
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
VDD
VDD
V2_5
CURR2
CURR3
CURR4
RES1
RES2
RES3
RES4
CURR5
CURR6
CURR7
CURR8
RES5
RES6
RES7
RES8
CURR16
CURR15
CURR14
CURR13
RES16
RES15
RES14
RES13
CURR12
CURR11
CURR10
CURR9
RES12
RES11
RES10
RES9
xFAULT
VDD
VDD
xRES
xCS
FB1
FB2
VSS_SENSE
VSSA
SDI
SCL SDO
EPAD
VSSA
HSYNC VSYNC
SPI
Interface
Registers
SMPS
feedback
Fault detectors
Reference
DAC
33
Product Specification, Confidential
oscillator
Sync inputs to synchronize with TV-set
Undervoltage detection ( open LED )
turnoff
Overvoltage detection ( short LED )
turnoff
Temperature shutdown
Register lock/unlock function
supply regulation feedback outputs
current sink inputs
2kV ESD an all other pins
mm, 0.5mm pitch
LED backlighting for LCD – TV sets and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com