Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3729 Datasheet(PDF) 12 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 12 Page - ams AG

Back Button AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG AS3729 Datasheet HTML 10Page - ams AG AS3729 Datasheet HTML 11Page - ams AG AS3729 Datasheet HTML 12Page - ams AG AS3729 Datasheet HTML 13Page - ams AG AS3729 Datasheet HTML 14Page - ams AG AS3729 Datasheet HTML 15Page - ams AG AS3729 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-24] 2015-Aug-13
AS3729 − Application Information
Figure 18:
Typical Application Circuit
AS3729 Typical Application: This figure shows the connection of the DCDC controller and the AS3729 Power
Stage.
Figure 19:
Layout Guidelines
Layout Guidelines: This figure shows
the recommended layout and
placement of the external components
for the 2-phase AS3729 Power Stage
Application Information
VSUP
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
0.47uH
0.47uH
FB_SDx
Vout (0.6-1.5V@6A)
DVM, 10mV steps
22uF
VSUP
10uF
10uF
22uF
AS3729
DCDC
0.6 – 1.5V
6A
3MHz
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx
Vout
L1
CTRL1
TEMP
CTRL2
FB
GND
CIN1
CIN2
COUT1
COUT2
L2
AS3729
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com