Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 75 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 75 Page - ams AG

Back Button AS3955 Datasheet HTML 71Page - ams AG AS3955 Datasheet HTML 72Page - ams AG AS3955 Datasheet HTML 73Page - ams AG AS3955 Datasheet HTML 74Page - ams AG AS3955 Datasheet HTML 75Page - ams AG AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG AS3955 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
ams Datasheet
Page 75
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Register Description
The 6-bit register addresses below are defined in hexadecimal
notation. The possible address range is from 00h to 3Fh.
There are two types of registers implemented in AS3955:
configuration registers and display registers. The configuration
registers are used to configure AS3955. They can be written and
read through SPI / I²C (RW). The display registers are read-only
(RO); they contain information about AS3955 internal state,
which can be accessed through SPI / I²C.
Registers Overview
Figure 82:
List of the SPI / I²C Internal Registers
Address [hex]
Content
Comment
Type
00
IO Configuration Register
RW
01
IC Configuration Register 0
Default: IC_CFG0
RO/RW
02
IC Configuration Register 1
Default: IC_CFG1
RO
03
IC Configuration Register 2
Default: IC_CFG2+ battery supply
enable
RO/RW
04
RFID Status Display Register
RO
05
IC Status Display Register
RO
08
Mask Interrupt Register 0
Default: MIRQ_0
RW
09
Mask Interrupt Register 1
Default: MIRQ_1
RW
0A
Interrupt Register 0
RO
0B
Interrupt Register 1
RO
0C
Buffer Status Register 2
RO
0D
Buffer Status Register 1
RO
0E
Last NFC Address Access
Register
RO
1E
Version Control – Major
Revision
RO
1F
Version Control – Minor
Revision
RO
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com