| Electronic Components Datasheet Search |
|
AS5047P-ATSM Datasheet(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P-ATSM Datasheet(HTML) 1 Page - ams AG |
|
1 / 40 page ![]() ams Datasheet Page 1 [v1-00] 2014-Oct-31 Document Feedback AS5047P 14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal & Binary Incremental Pulse Count for 28krpm high speed capability The AS5047P is a high-resolution rotary position sensor for high speed (up to 28krpm) angle measurement over a full 360 degree range. This new position sensor is equipped with revolutionary integrated dynamic angle error compensation (DAEC™) with almost 0 latency and offers a robust design that suppresses the influence of any homogenous external stray magnetic field. A standard 4-wire SPI serial interface allows a host microcontroller to read 14-bit absolute angle position data from the AS5047P and to program non-volatile settings without a dedicated programmer. Incremental movements are indicated on a set of ABI signals with a maximum resolution of 4000 steps / 1000 pulses per revolution in decimal mode and 4096 steps / 1024 pulses per revolution in binary mode. The resolution of the ABI signal is programmable and can be reduced to 100 steps per revolution, or 25 pulses per revolution. Brushless DC (BLDC) motors are controlled through a standard UVW commutation interface with a programmable number of pole pairs from 1 to 7. The absolute angle position is also provided as PWM-encoded output signal The AS5047P is available as a single die in a compact 14-pin TSSOP package. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of AS5047P, 14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal & Binary Incremental Pulse Count for 28krpm high speed capability are listed below: Figure 1: Added Value of using the AS5047P Benefits Features High speed application Up to 28krpm Easy to use – saving costs on DSP DAEC™ Dynamic angle error compensation Good resolution for motor & position control 14-bit core resolution General Description |
Similar Part No. - AS5047P-ATSM |
|
Similar Description - AS5047P-ATSM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |