Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5403A Datasheet(PDF) 18 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 18 Page - ams AG

Back Button AS5403A Datasheet HTML 14Page - ams AG AS5403A Datasheet HTML 15Page - ams AG AS5403A Datasheet HTML 16Page - ams AG AS5403A Datasheet HTML 17Page - ams AG AS5403A Datasheet HTML 18Page - ams AG AS5403A Datasheet HTML 19Page - ams AG AS5403A Datasheet HTML 20Page - ams AG AS5403A Datasheet HTML 21Page - ams AG AS5403A Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Functional Description
Signal Processing Path Backend
Figure 19:
Signal Processing Path Backend
Note(s) and/or Footnote(s):
1. Yellow
→ functional block
2. Blue
→ Readable register
3. Green
→ Write/readable EEPROM parameter
A pre-scale function can be used to extend the angle range. This
is in particular needed in sector applications (off-axis) or small
linear strokes. This function optimizes the usage of the
linearization function in the following step. The linearization
takes maximum 33 supporting point. These points are equally
spread over the angular range. The post-processing function is
able to manipulate the output characteristic in gain, offset and
clamping. The digital output switch function uses a comparator.
The switching value and hysteresis can be defined.
Finally the configuration of the output defines the operation of
the output drivers.
Angle
Pre-Scale
Multiplication
Pre-Scale
Linearization
Factor
Linearization
Table
Angle
linearized
Offset
Gain
Clamp
Low 1
Clamp
High 1
Comparator
DSW Setting
Position
1
Output
Selecton
OUT Driver
Configuration
DSW Driver
Configuration
to DSW Driver
to OUT Driver
Output
Characterisics
Post
Processing
Linerization
Angle
Offset
Angle Offset
Clamping 2
Clamp
Low 2
Clamp
High 2
Position
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com