| Electronic Components Datasheet Search |
|
AS3955-ASWF-S4 Datasheet(PDF) 44 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955-ASWF-S4 Datasheet(HTML) 44 Page - ams AG |
|
44 / 111 page ![]() Page 44 ams Datasheet Document Feedback [v1-01] 2015-Apr-29 AS3955 − Detailed Description Interrupts: • Rx start (I_rxs bit in Interrupt Register 1) • Rx end, Tx end (resp. I_rxe and I_txe bits in Interrupt Register 0) • CRC, parity and framing interrupt (resp. I_crc_err, I_par_err and I_frm_err bits in Interrupt Register 1) • Buffer error (I_bf_err in Interrupt Register 1) • SPI / I²C buffer access error (I_acc_err in Interrupt Register 1) Commands: • Transmit ACK • Transmit NACK 0-5 • Transmit Buffer • Go To Sense • Go To Sleep • Go To Sense / Sleep Extended Mode Extended mode enables communication between the NFC device and MCU by employing standard NFC Tag 2 Type READ and WRITE commands. The purpose of this communication mode is to provide a simple data transfer mechanism between a NFC device and a MCU while guaranteeing correct timing and synchronization. This is achieved by implementing a robust handshake mechanism. This mode uses a part of the memory address space that is out of range of the internal physical memory. The communication between a NFC device and a MCU can be performed by using WRITE/READ commands on address FCh – FFh, independently of the EEPROM configuration size. Data with CRC or any other error will not be forwarded to the MCU. In case of successful reception of data, AS3955 will automatically reply with ACK. Error handling in Extended mode is defined in Error Handling. Data received from RF side are kept available until the MCU reads the data. The implemented asynchronous transmission protocol arbitrates on overlapping memory accesses (producer-consumer principle) and complies with timing constraints of both RF and SPI / I²C protocols regardless of the MCU performance. Extended mode can be configured by setting Configuration Byte IC_CFG2 in EEPROM or the corresponding register ( IC Configuration Register 2). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |