Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8202B Datasheet(PDF) 8 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 8 Page - ams AG

Back Button AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG AS8202B Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ams.com
Revision 1.0
8 - 20
AS8202B
Datasheet - Electrical Character i s t ics
Notes:
1. Typical values: CLK0=40 MHz (duty cycle 45-55%), CLK1=16 MHz.
2. Implicitly tested.
3. Guaranteed by design; not tested during production.
IOZ
Output Tristate Current
VDD=3.6V
±10
(see note 3)
µA
tRISE
t(VOUT=0.1*VDD)
to
t(VOUT=0.9*VDD)
Transition Time – Rise
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
CTS[1,0],
LED[2:0],
INTB
8.1
(see note 2)
ns
D[15:0],
READYB
8.9
(see note 2)
tFALL
t(VOUT=0.9*VDD)
to
t(VOUT=0.1*VDD)
Transition Time – Fall
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
CTS[1,0],
LED[2:0],
INTB
6
(see note 2)
ns
D[15:0],
READYB
7
(see note 2)
TxD Pins
tRISE
t(VOUT=0.3*VDD)
to
t(VOUT=0.7*VDD)
Transition Time – Rise TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
4.5
(see note 3)
ns
tFALL
t(VOUT=0.7*VDD)
to
t(VOUT=0.3*VDD)
Transition Time – Fall TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
3
(see note 3)
ns
tASYM_Rx
t(VOUT=0.5*VDD)
Asymmetric Driver Delay TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
-3
(see note 3)
3
(see note 3)
ns
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com